전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP51LX 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 BAP51LX
상세설명  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP51LX 데이터시트(HTML) 1 Page - NXP Semiconductors

  BAP51LX Datasheet HTML 1Page - NXP Semiconductors BAP51LX Datasheet HTML 2Page - NXP Semiconductors BAP51LX Datasheet HTML 3Page - NXP Semiconductors BAP51LX Datasheet HTML 4Page - NXP Semiconductors BAP51LX Datasheet HTML 5Page - NXP Semiconductors BAP51LX Datasheet HTML 6Page - NXP Semiconductors BAP51LX Datasheet HTML 7Page - NXP Semiconductors BAP51LX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
Planar PIN diode in a SOD882T leadless ultra small plastic SMD package.
1.2 Features
I High speed switching for RF signals
I Low diode capacitance
I Low forward resistance
I Very low series inductance
I For applications up to 3 GHz
1.3 Applications
I RF attenuators and switches
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
BAP51LX
Silicon PIN diode
Rev. 01 — 26 June 2007
Product data sheet
Table 1.
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
Transparent
top view
2
1
sym006
Table 2.
Ordering information
Type number Package
Name
Description
Version
BAP51LX
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.4 mm
SOD882T


유사한 부품 번호 - BAP51LX

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP51LX NXP-BAP51LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP51LX PHILIPS-BAP51LX_15 Datasheet
233Kb / 9P
   Silicon PIN diode
Rev. 2-6 August 2013
More results

유사한 설명 - BAP51LX

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com