전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP320C6727BZDHA250 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TMP320C6727BZDHA250
상세설명  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BZDHA250 데이터시트(HTML) 1 Page - Texas Instruments

  TMP320C6727BZDHA250 Datasheet HTML 1Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 2Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 3Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 4Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 5Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 6Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 7Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 8Page - Texas Instruments TMP320C6727BZDHA250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
1
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 DSPs
1.1 Features
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
• C672x: 32-/64-Bit 350-MHz Floating-Point DSPs
• Three Multichannel Audio Serial Ports
Transmit/Receive Clocks up to 50 MHz
• Upgrades to C67x+ CPU From C67x™ DSP
Six Clock Zones and 16 Serial Data Pins
Generation:
Supports TDM, I2S, and Similar Formats
2X CPU Registers [64 General-Purpose]
DIT-Capable (McASP2)
New Audio-Specific Instructions
Compatible With the C67x CPU
• Universal Host-Port Interface (UHPI)
32-Bit-Wide Data Bus for High Bandwidth
• Enhanced Memory System
Muxed and Non-Muxed Address and Data
256K-Byte Unified Program/Data RAM
384K-Byte Unified Program/Data ROM
• Two 10-MHz SPI Ports With 3-, 4-, and 5-Pin
Single-Cycle Data Access From CPU
Options
Large Program Cache (32K Byte) Supports
• Two Inter-Integrated Circuit (I2C) Ports
RAM, ROM, and External Memory
• Real-Time Interrupt Counter/Watchdog
• External Memory Interface (EMIF) Supports
• Oscillator- and Software-Controlled PLL
133-MHz SDRAM (16- or 32-Bit)
• Applications:
Asynchronous NOR Flash, SRAM (8-,16-, or
Professional Audio
32-Bit)
• Mixers
NAND Flash (8- or 16-Bit)
• Effects Boxes
• Enhanced I/O System
• Audio Synthesis
High-Performance Crossbar Switch
• Instrument/Amp Modeling
Dedicated McASP DMA Bus
• Audio Conferencing
Deterministic I/O Performance
• Audio Broadcast
• dMAX (Dual Data Movement Accelerator)
• Audio Encoder
Supports:
Emerging Audio Applications
16 Independent Channels
Biometrics
Concurrent Processing of Two Transfer
Medical
Requests
Industrial
1-, 2-, and 3-Dimensional
• Commercial or Extended Temperature
Memory-to-Memory and
Memory-to-Peripheral Data Transfers
• 144-Pin, 0.5-mm, PowerPAD™ Thin Quad
Circular Addressing Where the Size of a
Flatpack (TQFP) [RFP Suffix]
Circular Buffer (FIFO) is not Limited to 2n
• 256-Terminal, 1.0-mm, 16x16 Array Plastic Ball
Table-Based Multi-Tap Delay Read and
Grid Array (PBGA) [GDH and ZDH Suffixes]
Write Transfers From/To a Circular Buffer
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
C67x, PowerPAD, TMS320C6000, C6000, DSP/BIOS, XDS, TMS320 are trademarks of Texas Instruments.
Philips is a registered trademark of Koninklijki Philips Electronics N.V.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TMP320C6727BZDHA250

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP320C6701GFN100 TI-TMP320C6701GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GFNA100 TI-TMP320C6701GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGP100 TI-TMP320C6701GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGPA100 TI-TMP320C6701GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GHK100 TI-TMP320C6701GHK100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

유사한 설명 - TMP320C6727BZDHA250

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com