전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP320C6726BZDHA250 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TMP320C6726BZDHA250
상세설명  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6726BZDHA250 데이터시트(HTML) 4 Page - Texas Instruments

  TMP320C6726BZDHA250 Datasheet HTML 1Page - Texas Instruments TMP320C6726BZDHA250 Datasheet HTML 2Page - Texas Instruments TMP320C6726BZDHA250 Datasheet HTML 3Page - Texas Instruments TMP320C6726BZDHA250 Datasheet HTML 4Page - Texas Instruments TMP320C6726BZDHA250 Datasheet HTML 5Page - Texas Instruments TMP320C6726BZDHA250 Datasheet HTML 6Page - Texas Instruments TMP320C6726BZDHA250 Datasheet HTML 7Page - Texas Instruments TMP320C6726BZDHA250 Datasheet HTML 8Page - Texas Instruments TMP320C6726BZDHA250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
1.2.1 Device Compatibility
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Real-Time Interrupt Timer (RTI). The real-time interrupt timer module includes:
• Two 32-bit counter/prescaler pairs
• Two input captures (tied to McASP direct memory access [DMA] events for sample rate measurement)
• Four compares with automatic update capability
• Digital Watchdog (optional) for enhanced system robustness
Clock Generation (PLL and OSC). The C672x DSP includes an on-chip oscillator that supports crystals
in the range of 12 MHz to 25 MHz. Alternatively, the clock can be provided externally through the CLKIN
pin.
The DSP includes a flexible, software-programmable phase-locked loop (PLL) clock generator. Three
different clock domains (SYSCLK1, SYSCLK2, and SYSCLK3) are generated by dividing down the PLL
output. SYSCLK1 is the clock used by the CPU, memory controller, and memories. SYSCLK2 is used by
the peripheral subsystem and dMAX. SYSCLK3 is used exclusively for the EMIF.
The TMS320C672x floating-point digital signal processors are based on the new C67x+ CPU. This core is
code-compatible with the C67x CPU core used on the TMS320C671x DSPs, but with significant
enhancements including additional floating-point instructions. See Section 2.2
4
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 DSPs
Submit Documentation Feedback


유사한 부품 번호 - TMP320C6726BZDHA250

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP320C6701GFN100 TI-TMP320C6701GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GFNA100 TI-TMP320C6701GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGP100 TI-TMP320C6701GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGPA100 TI-TMP320C6701GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GHK100 TI-TMP320C6701GHK100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

유사한 설명 - TMP320C6726BZDHA250

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com