전자부품 데이터시트 검색엔진 |
|
TMP320C6722BRFP225 데이터시트(PDF) 11 Page - Texas Instruments |
|
TMP320C6722BRFP225 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 118 page 2.5 Program Cache TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 The C672x DSP executes code directly from a large on-chip 32K-byte program cache. The program cache has these key features: • Wide 256-bit path to internal ROM/RAM • Single-cycle access on cache hits • 2-cycle miss penalty to internal ROM/RAM • Caches external memory as well as ROM/RAM • Direct-mapped • Modes: Enable, Freeze, Bypass • Software invalidate to support code overlay The program cache line size is 256 bits wide and is matched with a 256-bit-wide path between cache and internal memory. This allows the program cache to fill an entire line (corresponding to eight C67x+ CPU instructions) with only a single miss penalty of 2 cycles. The program cache control registers are listed in Table 2-4. Table 2-4. Program Cache Control Registers REGISTER NAME BYTE ADDRESS DESCRIPTION L1PISAR 0x2000 0000 L1P Invalidate Start Address L1PICR 0x2000 0004 L1P Invalidate Control Register CAUTION Any application which modifies the contents of program RAM (for example, a program overlay) must invalidate the addresses from program cache to maintain coherency by explicitly writing to the L1PISAR and L1PICR registers. The Cache Mode (Enable, Freeze, Bypass) is configured through a CPU internal register (CSR, bits 7:5). These options are listed in Table 2-5. Typically, only the Cache Enable Mode is used. But advanced users may utilize Freeze and Bypass modes to tune performance. Table 2-5. Cache Modes Set Through PCC Field of CSR CPU Register on C672x CPU CSR[7:5] CACHE MODE 000b Enable (Deprecated - Means direct mapped RAM on some C6000 devices) 010b Enable - Cache is enabled, cache misses cause a line fill. 011b Freeze - Cache is enabled, but contents are unchanged by misses. 100b Bypass - Forces cache misses, cache contents frozen. Other Values Reserved - Not Supported CAUTION Although the reset value of CSR[7:5] (PCC field) is 000b, the value may be modified during the boot process by the ROM code. Refer to the appropriate ROM data sheet for more details. However, note that the cache may be disabled when control is actually passed to application code. Therefore, it may be necessary to write '010b' to the PCC field to explicitly enable the cache at the start of application code. CAUTION Changing the cache mode through CSR[7:5] does not invalidate any lines already in the cache. To invalidate the cache after modifications are made to program space, the control registers L1PISAR and L1PICR must be used. Submit Documentation Feedback Device Overview 11 |
유사한 부품 번호 - TMP320C6722BRFP225 |
|
유사한 설명 - TMP320C6722BRFP225 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |