전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC807DS 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BC807DS
상세설명  PNP general purpose double transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC807DS 데이터시트(HTML) 3 Page - NXP Semiconductors

  BC807DS Datasheet HTML 1Page - NXP Semiconductors BC807DS Datasheet HTML 2Page - NXP Semiconductors BC807DS Datasheet HTML 3Page - NXP Semiconductors BC807DS Datasheet HTML 4Page - NXP Semiconductors BC807DS Datasheet HTML 5Page - NXP Semiconductors BC807DS Datasheet HTML 6Page - NXP Semiconductors BC807DS Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2002 Nov 22
3
NXP Semiconductors
Product data sheet
PNP general purpose double transistor
BC807DS
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Notes
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
2.
VBE decreases by approximately −2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
note 1
208
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor
ICBO
collector-base cut-off current
VCB = −20 V; IE = 0
−100
nA
VCB = −20 V; IE = 0; Tj = 150 °C
−5
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0
−100
nA
hFE
DC current gain
VCE = −1 V; IC = −100 mA; note 1
160
400
VCE = −1 V; IC = −500 mA; note 1
40
VCEsat
collector-emitter saturation voltage IC = −500 mA; IB = −50 mA; note 1
−700
mV
VBE
base-emitter voltage
VCE = −1 V; IC = −500 mA;
notes 1 and 2
−1.2
V
Cc
collector capacitance
VCB = −10 V; IE = Ie = 0; f = 1 MHz
9
pF
fT
transition frequency
VCE = −5 V; IC = −10 mA;
f = 100 MHz
80
MHz


유사한 부품 번호 - BC807DS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC807DS PHILIPS-BC807DS Datasheet
60Kb / 8P
   PNP general purpose double transistor
2002 Nov 22
logo
Nexperia B.V. All right...
BC807DS NEXPERIA-BC807DS Datasheet
201Kb / 8P
   PNP/PNP general purpose double transistors
3 May 2019
More results

유사한 설명 - BC807DS

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PEMT1 NEXPERIA-PEMT1 Datasheet
178Kb / 7P
   PNP/PNP general purpose double transistor
29 December 2022
logo
NXP Semiconductors
BC807DS PHILIPS-BC807DS Datasheet
60Kb / 8P
   PNP general purpose double transistor
2002 Nov 22
BC857BS NXP-BC857BS Datasheet
117Kb / 7P
   PNP general purpose double transistor
1999 Apr 26
BC857BS PHILIPS-BC857BS Datasheet
45Kb / 8P
   PNP general purpose double transistor
1999 Apr 26
PEMT1 NXP-PEMT1 Datasheet
107Kb / 6P
   PNP general purpose double transistor
2001 Nov 07
PIMT1 NXP-PIMT1 Datasheet
105Kb / 6P
   PNP general purpose double transistor
2001 Oct 22
PUMT1 NXP-PUMT1 Datasheet
105Kb / 6P
   PNP general purpose double transistor
2001 Dec 19
logo
Guangdong Kexin Industr...
BCV62 KEXIN-BCV62 Datasheet
104Kb / 3P
   PNP general purpose double transistor
logo
Nexperia B.V. All right...
BC857BS-Q NEXPERIA-BC857BS-Q Datasheet
238Kb / 12P
   PNP general purpose double transistor
29 June 2021
logo
NXP Semiconductors
BC857BV PHILIPS-BC857BV Datasheet
54Kb / 8P
   PNP general purpose double transistor
2001 Nov 07
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com