전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847BS 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 BC847BS
상세설명  45 V, 100 mA NPN/NPN general-purpose transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847BS 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button BC847BS Datasheet HTML 4Page - NXP Semiconductors BC847BS Datasheet HTML 5Page - NXP Semiconductors BC847BS Datasheet HTML 6Page - NXP Semiconductors BC847BS Datasheet HTML 7Page - NXP Semiconductors BC847BS Datasheet HTML 8Page - NXP Semiconductors BC847BS Datasheet HTML 9Page - NXP Semiconductors BC847BS Datasheet HTML 10Page - NXP Semiconductors BC847BS Datasheet HTML 11Page - NXP Semiconductors BC847BS Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BC847BS_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 18 February 2009
8 of 12
NXP Semiconductors
BC847BS
45 V, 100 mA NPN/NPN general-purpose transistor
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 10. Package outline SOT363 (SC-88)
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BC847BS
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165


유사한 부품 번호 - BC847BS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
   NPN general purpose double transistor
1999 Apr 28
logo
GUANGDONG HOTTECH INDUS...
BC847BS HOTTECH-BC847BS Datasheet
323Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BC847BS DIODES-BC847BS Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
logo
SeCoS Halbleitertechnol...
BC847BS SECOS-BC847BS Datasheet
1Mb / 7P
   NPN Plastic Encapsulate Transistor
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
More results

유사한 설명 - BC847BS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC847QAS NXP-BC847QAS Datasheet
204Kb / 13P
   45 V, 100 mA NPN/NPN general-purpose transistor
8 July 2015
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
logo
Nexperia B.V. All right...
BC847DS NEXPERIA-BC847DS Datasheet
1Mb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 25 August 2009
BC847BS-Q NEXPERIA-BC847BS-Q Datasheet
241Kb / 11P
   45 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
logo
NXP Semiconductors
BC847DS NXP-BC847DS Datasheet
109Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01-25 August 2009
logo
Nexperia B.V. All right...
BC847BS NEXPERIA-BC847BS Datasheet
239Kb / 11P
   45 V, 100 mA NPN/NPN general-purpose transistor
1 July 2022
BC847XQB_SER NEXPERIA-BC847XQB_SER Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 8 September 2021
BC847XQC-Q_SER NEXPERIA-BC847XQC-Q_SER Datasheet
260Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 21 May 2021
BC847XQC_SER NEXPERIA-BC847XQC_SER Datasheet
232Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 1 - 4 January 2021
BC847XQB-Q_SER NEXPERIA-BC847XQB-Q_SER Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 3 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com