전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5372-BS 데이터시트(PDF) 7 Page - Cirrus Logic

부품명 CS5372-BS
상세설명  Low-power, High-performance ?誇 Modulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5372-BS 데이터시트(HTML) 7 Page - Cirrus Logic

Back Button CS5372-BS Datasheet HTML 3Page - Cirrus Logic CS5372-BS Datasheet HTML 4Page - Cirrus Logic CS5372-BS Datasheet HTML 5Page - Cirrus Logic CS5372-BS Datasheet HTML 6Page - Cirrus Logic CS5372-BS Datasheet HTML 7Page - Cirrus Logic CS5372-BS Datasheet HTML 8Page - Cirrus Logic CS5372-BS Datasheet HTML 9Page - Cirrus Logic CS5372-BS Datasheet HTML 10Page - Cirrus Logic CS5372-BS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CS5371 CS5372
DS255F3
7
2. GENERAL DESCRIPTION.
The CS5371 and CS5372 are one- and two- chan-
nel fourth-order
∆Σ modulators, optimized for ex-
tremely high-resolution measurement of signals
between DC and 1600 Hz. They are designed to
be used with the CS5376A and CS5378 low-power
digital filters. Figure 3 on page 8 shows a four-
channel system connection diagram for two
CS5372 and one CS5376A.
High Performance
The CS5371/72 modulators have exceptional per-
formance characteristics.
Modulator dynamic
range (SNR) is 127 dB over a 215 Hz bandwidth
(2 ms sampling), with total harmonic distortion
(THD) of -118 dB.
Low Power Consumption
The CS5371/72 modulators have very low power
consumption. Power consumption is only 25 mW
per
channel
in
normal
mode
(LPWR=0,
MCLK=2.048 MHz), and 15 mW per channel in low
power mode (LPWR=1, MCLK=1.024 MHz).
An independently selectable power-down mode
(PWDN=1) can be used to disable a modulator and
reduces its power consumption to 1 mW. If MCLK
is then halted (MCLK=0), the modulator enters a
micropower state using only 10 µW per channel.
Small Package Size
The CS5371/72 modulators are available in a very
small
24-pin
SSOP
package
approximately
8 mm x 8 mm in size. The CS5372 has two mod-
ulator channels per package to increase board lay-
out density even further.
Multi-channel System Support
Combining the CS5371 and CS5372 modulators
with a digital filter permits multiple system configu-
rations:
1 Channel - CS5371, CS5378
2 Channel - CS5372, CS5376A
3 Channel - CS5371, CS5372, CS5376A
4 Channel - CS5372, CS5372, CS5376A
Differential Analog Signal Inputs
The CS5371/72 modulators have fully differential
analog inputs capable of measuring signals up to
5.0 V peak-to-peak when using a 2.5 V voltage ref-
erence. The inputs will tolerate a 5% over-range
voltage and continue operating at full specification.
Digital Filter Interface
The CS5371/72 modulators are designed to oper-
ate with the CS5376A and CS5378 digital filters.
The digital filter generates the modulator clock and
synchronization
signal
inputs
(MCLK
and
MSYNC), while receiving the modulator data and
over-range flag outputs (MDATA and MFLAG).
The modulators produce an oversampled
∆Σ serial
bit stream at 512 kbits per second when operated
from a 2.048 MHz modulator clock.
Multiple Power Supply Configurations
The CS5371/72 modulators support flexible power
supply configurations. They can run from single or
dual supplies in the following configurations:
VA+ = +5V; VA- = 0V;
VD = +3.3V to +5V
VA+ = +2.5V; VA- = -2.5V; VD = +3.3V


유사한 부품 번호 - CS5372-BS

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5372-BS CIRRUS-CS5372-BS Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
More results

유사한 설명 - CS5372-BS

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
CS5371 CIRRUS-CS5371 Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5374_0910 CIRRUS-CS5374_0910 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com