전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS495313-CVZR 데이터시트(PDF) 9 Page - Cirrus Logic

부품명 CS495313-CVZR
상세설명  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313-CVZR 데이터시트(HTML) 9 Page - Cirrus Logic

Back Button CS495313-CVZR Datasheet HTML 5Page - Cirrus Logic CS495313-CVZR Datasheet HTML 6Page - Cirrus Logic CS495313-CVZR Datasheet HTML 7Page - Cirrus Logic CS495313-CVZR Datasheet HTML 8Page - Cirrus Logic CS495313-CVZR Datasheet HTML 9Page - Cirrus Logic CS495313-CVZR Datasheet HTML 10Page - Cirrus Logic CS495313-CVZR Datasheet HTML 11Page - Cirrus Logic CS495313-CVZR Datasheet HTML 12Page - Cirrus Logic CS495313-CVZR Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705PP6
Copyright 2009 Cirrus Logic
9
4.3.2 Termination Requirements
Open-drain pins on the CS4953xx must be pulled high for proper operation. Please refer to the CS4953xx
Hardware User’s Manual to identify which pins are open-drain and what value of pull-up resistor is required for
proper operation.
Mode select pins on the CS4953xx are used to select the boot mode upon the rising edge of reset. A detailed
explanation of termination requirements for each communication mode select pin can be found in the
CS4953xx Hardware User’s Manual.
4.3.3 Pads
The CS4953xx I/O operates from the 3.3 V supply and is 5V tolerant.
4.4 Application Code Security
The external program code may be encrypted by the programmer to protect any intellectual property it may
contain. A secret, customer-specific key is used to encrypt the program code that is to be stored external to the
device.


유사한 부품 번호 - CS495313-CVZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS495313-CVZR CIRRUS-CS495313-CVZR Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
More results

유사한 설명 - CS495313-CVZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
   High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
   32-bit Dual Audio DSP Engine
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com