전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8130 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS8130
상세설명  Multi-Standard Infrared Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS8130_05 Datasheet HTML 4Page - Cirrus Logic CS8130_05 Datasheet HTML 5Page - Cirrus Logic CS8130_05 Datasheet HTML 6Page - Cirrus Logic CS8130_05 Datasheet HTML 7Page - Cirrus Logic CS8130_05 Datasheet HTML 8Page - Cirrus Logic CS8130_05 Datasheet HTML 9Page - Cirrus Logic CS8130_05 Datasheet HTML 10Page - Cirrus Logic CS8130_05 Datasheet HTML 11Page - Cirrus Logic CS8130_05 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
then the RXD pin will oscillate at the carrier fre-
quency.
Transmit Path
Data for transmission is input to the CS8130 on
the TXD pin. The selected modulation scheme is
then applied to the data, and the resulting signals
are used to drive the LED. There are 2 LED out-
put pins: LED1C and LED2C. They are open
drain outputs, which pull down to TGND or
float. The LED is connected via resistors to both
LED1C and LED2C. The current level flowing
through the LED is determined by the external
resistors. Normally, LED1C is used to drive the
LED. If additional current is needed, (for exam-
ple for TV remote operation), then the second
driver may be enabled. The amount of ’boost’
current is determined by the external resistor
connected to the LED2C pin.
For larger amounts of IR output, it may be pref-
erable to use two LEDs, rather than drive a large
current through one LED. For a +3V supply sys-
tem using two LEDs, each one is connected, via
a resistor, to each driver output. For a +5V sup-
ply system, 2 LEDS may be connected in series,
and then routed to each driver via 2 resistors,
one for each driver. This minimizes the power
dissipation in the resistors.
Mode 1 Transmit Choices
In Mode 1 (IrDA), the pulse width may be fixed
at 1.6
µs, or set to 3/16 of the bit period. Either
of these settings will meet the IrDA standard, but
fixed 1.6
µs pulses will save power at lower
baud rates.
In addition, there is a choice which affects the
output pulse jitter. The default state causes the
CS8130 to look for the start bit on TXD. All
subsequent LED transitions for that character are
timed relative to the internal baud rate clock.
Therefore there will be no jitter in the LED out-
put pulse timing. However, the CS8130 now has
to be programmed with the desired number of
bits per character, which for IrDA compliance, is
8.
Alternatively, the CS8130 can generate output
pulses based entirely on individual transitions on
TXD, with no knowledge of which bit is the
start bit. Thus a 1 to 0 transition will generate a
pulse based on that transition edge. If TXD is
low for multiple successive bits, then the
CS8130 will generate pulses based on its internal
clock. Therefore there is the possibility of jitter
in the output pulses of N*271 ns. N can be 0, 1
2....., depending on the difference in frequency
between the UART baud rate clock and the
CS8130 clock. Clearly, if the CS8130 and its as-
sociated UART are running from the same clock,
the possibility of jitter is eliminated.
Mode 2 (ASK) Transmit Choices
The modulation frequency is determined by the
modulator divider registers. For nominal
500 kHz, use a divide value of 6, which yields a
modulation frequency of 527 kHz.
Mode 3 (TV Remote) Transmit Choices
During transmission of IR, the start and stop bits
present in the incoming data from the UART are
stripped off (see Figure 5). The remaining data
bits are then sent out at ~2400 bps. Since there
should be no gaps in the transmitted data, the
input data is buffered in a 22-character location
FIFO. Characters can be received on the TXD
pin while the previous characters are being trans-
mitted. To prevent overflow, a hardware
handshake mechanism is provided. If the FIFO
is one character away from being full, the
FORM/BSY pin is brought high, indicating that
the UART should not send any more data. Once
a no t he r character has been t ransm it ted,
FORM/BSY pin is brought low, indicating to the
UART that it is OK to send another character.
CS8130
8
DS134PP2
CS8130
8
DS134F1


유사한 부품 번호 - CS8130_05

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS8130 CIRRUS-CS8130_05 Datasheet
193Kb / 4P
   Revision G Addendum
More results

유사한 설명 - CS8130_05

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CS8130 ETC1-CS8130 Datasheet
292Kb / 28P
   Multi-Standard Infrared Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
25Kb / 4P
   MULTI STANDARD INFRARED TRANSCEIVER
logo
Motorola, Inc
MC13173 MOTOROLA-MC13173 Datasheet
340Kb / 18P
   INFRARED TRANSCEIVER
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
   Infrared Transceiver
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 22-Oct-2018
logo
Siemens Semiconductor G...
IRM6000 SIEMENS-IRM6000 Datasheet
68Kb / 3P
   INFRARED DATA TRANSCEIVER
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
   Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
logo
CITIZEN ELECTRONICS CO....
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Sharp Corporation
GP2W0002YP SHARP-GP2W0002YP Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com