전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8415A 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS8415A
상세설명  96 kHz Digital Audio Interface Receiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 4Page - Cirrus Logic CS8415A Datasheet HTML 5Page - Cirrus Logic CS8415A Datasheet HTML 6Page - Cirrus Logic CS8415A Datasheet HTML 7Page - Cirrus Logic CS8415A Datasheet HTML 8Page - Cirrus Logic CS8415A Datasheet HTML 9Page - Cirrus Logic CS8415A Datasheet HTML 10Page - Cirrus Logic CS8415A Datasheet HTML 11Page - Cirrus Logic CS8415A Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
DS470F4
CS8415A
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORTS
Inputs: Logic 0 = 0 V, Logic 1 = VL+; CL = 20 pF.
7.
The active edges of OSCLK are programmable.
8.
The polarity OLRCK is programmable.
9.
No more than 128 SCLK per frame.
10. This delay is to prevent the previous OSCLK edge from being interpreted as the first one after OLRCK
has changed.
11. This setup time ensures that this OSCLK edge is interpreted as the first one after OLRCK has changed.
Parameter
Symbol
Min
Typ
Max
Units
OSCLK Active Edge to SDOUT Output Valid
(Note 7)
tdpd
-
-
20
ns
Master Mode
RMCK to OSCLK active edge delay
(Note 7)
tsmd
0
-
10
ns
RMCK to OLRCK delay
(Note 8)
tlmd
0
-
10
ns
OSCLK and OLRCK Duty Cycle
-50
-
%
Slave Mode
OSCLK Period
(Note 9)
tsckw
36
-
-
ns
OSCLK Input Low Width
tsckl
14
-
-
ns
OSCLK Input High Width
tsckh
14
-
-
ns
OSCLK Active Edge to OLRCK Edge
(Note
7, 8, 10)
tlrckd
20
-
-
ns
OLRCK Edge Setup Before OSCLK Active Edge
Notes 7, 8, 11
tlrcks
20
-
-
ns
t
sm d
t
lm d
Ha rd wa re M o d e
S o ftw are M ode
OS C L K
(output)
OL RCK
(output)
RM CK
(output)
RM CK
(output)
sckh
sckl
sckw
t
t
t
tdpd
SDOUT
(input)
(input)
lrcks
t
lrckd
t
OSCLK
OLRCK
Figure 1. Audio Port Master Mode Timing
Figure 2. Audio Port Slave Mode and Data Input Timing


유사한 부품 번호 - CS8415A

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8415A-CS CIRRUS-CS8415A-CS Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8415A-CZ CIRRUS-CS8415A-CZ Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8415A-IS CIRRUS-CS8415A-IS Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8415A-IZ CIRRUS-CS8415A-IZ Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
More results

유사한 설명 - CS8415A

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
   96 KHZ DIGITAL AUDIO RECEIVER
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com