전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX52 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 BCX52
상세설명  60 V, 1 A PNP medium power transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCX52 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button BCX52 Datasheet HTML 3Page - NXP Semiconductors BCX52 Datasheet HTML 4Page - NXP Semiconductors BCX52 Datasheet HTML 5Page - NXP Semiconductors BCX52 Datasheet HTML 6Page - NXP Semiconductors BCX52 Datasheet HTML 7Page - NXP Semiconductors BCX52 Datasheet HTML 8Page - NXP Semiconductors BCX52 Datasheet HTML 9Page - NXP Semiconductors BCX52 Datasheet HTML 10Page - NXP Semiconductors BCX52 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BCP52_BCX52_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 25 February 2008
7 of 12
NXP Semiconductors
BCP52; BCX52
60 V, 1 A PNP medium power transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ = 0.02.
FR4 PCB, mounting pad for collector 6 cm2
Fig 7.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
006aaa818
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle =
0.01
0
0.02
0.05
0.1
0.2
0.33
0.5
0.75
1.0
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −30 V; IE =0A;
-
-
−100
nA
VCB = −30 V; IE =0A;
Tj = 150 °C
--
−10
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100
nA
hFE
DC current gain
VCE = −2V
IC = −5mA
63
-
-
IC = −150 mA
63
-
250
IC = −500 mA
[1] 40
-
-
DC current gain
VCE = −2V
hFE selection -10
IC = −150 mA
63
-
160
hFE selection -16
IC = −150 mA
100
-
250
VCEsat
collector-emitter
saturation voltage
IC = −500 mA;
IB = −50 mA
[1] --
−0.5
V
VBE
base-emitter voltage
VCE = −2 V; IC = −500 mA [1] --
−1V
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f=1MHz
-15
-
pF
fT
transition frequency
VCE = −5 V; IC = −50 mA;
f = 100 MHz
-
145
-
MHz


유사한 부품 번호 - BCX52

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX52 PHILIPS-BCX52 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
BCX52 NXP-BCX52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Jiangsu Changjiang Elec...
BCX52 JIANGSU-BCX52 Datasheet
1Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX52 SIEMENS-BCX52 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
SHENZHEN YONGERJIA INDU...
BCX52 WINNERJOIN-BCX52 Datasheet
133Kb / 1P
   TRANSISTOR (PNP)
More results

유사한 설명 - BCX52

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCP52 NXP-BCP52_13 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
BCP52 PHILIPS-BCP52_15 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Nexperia B.V. All right...
BC52XPAS_SER NEXPERIA-BC52XPAS_SER Datasheet
261Kb / 11P
   60 V, 1 A PNP medium power transistors
6 December 2022
BCP52 NEXPERIA-BCP52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
BCP52T_SER NEXPERIA-BCP52T_SER Datasheet
273Kb / 14P
   60 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
BC51PAS NEXPERIA-BC51PAS Datasheet
903Kb / 15P
   45 V/60 V/80 V, 1 A PNP medium power transistors
BSR31 NEXPERIA-BSR31 Datasheet
180Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR31-Q NEXPERIA-BSR31-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30-Q NEXPERIA-BSR30-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com