전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD19TD2WNVX-TL 데이터시트(PDF) 7 Page - Rohm

부품명 BD19TD2WNVX-TL
상세설명  Ultra Small Package CMOS LDO Regulators suitable for High-density Mounting
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD19TD2WNVX-TL 데이터시트(HTML) 7 Page - Rohm

Back Button BD19TD2WNVX-TL Datasheet HTML 3Page - Rohm BD19TD2WNVX-TL Datasheet HTML 4Page - Rohm BD19TD2WNVX-TL Datasheet HTML 5Page - Rohm BD19TD2WNVX-TL Datasheet HTML 6Page - Rohm BD19TD2WNVX-TL Datasheet HTML 7Page - Rohm BD19TD2WNVX-TL Datasheet HTML 8Page - Rohm BD19TD2WNVX-TL Datasheet HTML 9Page - Rohm BD19TD2WNVX-TL Datasheet HTML 10Page - Rohm BD19TD2WNVX-TL Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Technical Note
7/40
BU□□TD2WNVX Series
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Fig.30. Output Voltage
Fig.31. Line Regulation
Fig.32. Circuit Current IGND
Fig.33. VSTBY - ISTBY
Fig.34. IOUT - IGND
Fig.35. Load Regulation
Fig.36. OCP Threshold
Fig.37. STBY Threshold
Fig.38. VOUT - Temp
Fig.39. IGND vs Temp
Fig.40. IGND vs Temp (STBY)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
00.511.522.5
3
3.544.5
55.5
Input Voltage (V)
Temp=25°C
Io=0uA
Io=100uA
Io=50mA
Io=200mA
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
1.41.5
1.61.7
1.81.9
2
2.1
Input Voltage (V)
Temp=25°C
Io=0uA
Io=100uA
Io=50mA
Io=200mA
VIN=STBY
0
20
40
60
80
100
00.5
1
1.522.533.5
4
4.5
55.5
Input Voltage (V)
IO=0uA
VIN=STBY
Temp=85°C
Temp=25°C
Temp=-40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
00.511.522.5
33.5
4
4.555.5
Input Voltage (V)
Temp=-40°C
Temp=25°C
Temp=85°C
0
20
40
60
80
100
0
0.05
0.1
0.15
0.2
Output Current (A)
Temp=-40°C
Temp=25°C
Temp=85°C
VIN=2.5V
STBY=1.5V
0.0
0.5
1.0
1.5
2.0
00.5
11.5
STBY Voltage (V)
VIN=3.8V
Io=0mA
Temp=-40°C
Temp=25°C
Temp=85°C
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
-40
-15
10
35
60
85
Temp (°C)
VIN=2.5V
STBY=1.5V
Io=0.1mA
0
10
20
30
40
50
60
-40
-15
10
35
60
85
Temp (°C)
VIN=2.5V
STBY=1.5V
Io=0mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-15
10
35
60
85
Temp (°C)
VIN=2.5V
STBY=0V
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN=2.5V
STBY=1.5V
Temp=25°C
Temp=85°C
Temp=-40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.1
0.20.3
0.40.5
0.6
Output Current (A)
VIN=5.5V
Temp=25°C
STBY=1.5V
VIN=2.5V
VIN=2.0V
Reference data BU15TD2WNVX (Ta=25ºC unless otherwise specified.)


유사한 부품 번호 - BD19TD2WNVX-TL

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BD190 MOTOROLA-BD190 Datasheet
103Kb / 2P
   PLASTIC MEDIUM POWER SILICON PNP TRANSISTOR
logo
Savantic, Inc.
BD190 SAVANTIC-BD190 Datasheet
108Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD190 ISC-BD190 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
BD190 SAVANTIC-BD190 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
BeRex Corporation
BD1926 BEREX-BD1926 Datasheet
373Kb / 4P
   Dual Band 2?륹ay SMT Power Divider
More results

유사한 설명 - BD19TD2WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Shanghai Leiditech Elec...
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
   Suitable for high-density PC Board mounting
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com