전자부품 데이터시트 검색엔진 |
|
CS35L00-CNZR 데이터시트(PDF) 8 Page - Cirrus Logic |
|
CS35L00-CNZR 데이터시트(HTML) 8 Page - Cirrus Logic |
8 / 34 page CS35L00 8 DS906A2 4. CHARACTERISTICS & SPECIFICATIONS Test Conditions (unless otherwise specified): GND = 0 V; All voltages with respect to ground; Input Signal = 997 Hz Differential Sine; TA = 25°C; VBATT = 5 V; RL =8 ; 10 Hz to 20 kHz Measurement Bandwidth; Measurements tak- en with AES17 measurement filter and Audio Precision AUX-0025 passive filter. RECOMMENDED OPERATING CONDITIONS GND = 0 V; All voltages with respect to ground. Please see (Note 4). ABSOLUTE MAXIMUM RATINGS GND = 0 V; All voltages with respect to ground. WARNING: Operation at or beyond these limits may result in permanent damage to the device. Notes: 4. Functionality is not guaranteed or implied outside of these limits. Operation outside of these limits may adversely affect device reliability. 5. No external loads should be connected to the LFILT+ net. Any connection of a load to this point may result in errant operation or performance degradation in the device. Parameters Symbol Min Typ Max Units DC Power Supply Supply Voltage VBATT 2.5 5.0 5.5 V Temperature Ambient Temperature TA -10 - +70 °C Junction Temperature TJ -10 - +150 °C Parameters Symbol Min Max Units DC Power Supply Supply Voltage VBATT -0.3 6.0 V LFILT+ Current (Note 5) IVDREG 10 A Inputs Input Current Iin -±10 mA Temperature Ambient Operating Temperature (power applied) TA -20 +125 °C Storage Temperature Tstg -65 +150 °C |
유사한 부품 번호 - CS35L00-CNZR |
|
유사한 설명 - CS35L00-CNZR |