전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1T57 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1T57
상세설명  SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T57 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1T57 Datasheet HTML 5Page - Texas Instruments SN74AUP1T57 Datasheet HTML 6Page - Texas Instruments SN74AUP1T57 Datasheet HTML 7Page - Texas Instruments SN74AUP1T57 Datasheet HTML 8Page - Texas Instruments SN74AUP1T57 Datasheet HTML 9Page - Texas Instruments SN74AUP1T57 Datasheet HTML 10Page - Texas Instruments SN74AUP1T57 Datasheet HTML 11Page - Texas Instruments SN74AUP1T57 Datasheet HTML 12Page - Texas Instruments SN74AUP1T57 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN74AUP1T57
www.ti.com
SCES611G – OCTOBER 2004 – REVISED MAY 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V, VI = 2.5 V ± 0.2 V (unless otherwise noted)
(see Figure 12)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
1.8
2.3
3.1
0.5
6
10 pF
2.2
2.8
3.5
1
7.1
tpd
A, B, or C
Y
ns
15 pF
2.6
3.2
5.2
1
7.9
30 pF
3.7
4.4
5.2
1.5
10
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V, VI = 3.3 V ± 0.3 V (unless otherwise noted)
(see Figure 12)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
2
2.7
3.5
0.5
5.5
10 pF
2.4
3.1
3.9
1
6.5
tpd
A, B, or C
Y
ns
15 pF
2.8
3.5
4.3
1
7.4
30 pF
4
4.7
5.5
1.5
9.5
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, VI = 1.8 V ± 0.15 V (unless otherwise noted)
(see Figure 12)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
1.6
2
2.5
0.5
8
10 pF
2
2.4
2.9
1
8.5
tpd
A, B, or C
Y
ns
15 pF
2.3
2.8
3.3
1
9.1
30 pF
3.4
3.9
4.4
1.5
9.8
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, VI = 2.5 V ± 0.2 V (unless otherwise noted)
(see Figure 12)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
1.6
1.9
2.4
0.5
5.3
10 pF
2
2.3
2.7
1
6.1
tpd
A, B, or C
Y
ns
15 pF
2.3
2.7
3.1
1
6.8
30 pF
3.4
3.8
4.2
1.5
8.5
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP1T57


유사한 부품 번호 - SN74AUP1T57

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1T57 TI-SN74AUP1T57 Datasheet
309Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57DBVR TI-SN74AUP1T57DBVR Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57DBVRE4 TI-SN74AUP1T57DBVRE4 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57DBVRG4 TI-SN74AUP1T57DBVRG4 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
More results

유사한 설명 - SN74AUP1T57

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1T98 TI-SN74AUP1T98 Datasheet
309Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58 Datasheet
922Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97_101 TI-SN74AUP1T97_101 Datasheet
993Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98_101 TI-SN74AUP1T98_101 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98 TI-SN74AUP1T98_10 Datasheet
935Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57_1 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97_10 Datasheet
992Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58_1 Datasheet
923Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97 Datasheet
333Kb / 15P
[Old version datasheet]   SINGLE SUPPLY VOLTAGE LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNTIONS
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com