전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC20T245DGGRE4 데이터시트(PDF) 7 Page - Texas Instruments

부품명 74AVC20T245DGGRE4
상세설명  20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74AVC20T245DGGRE4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button 74AVC20T245DGGRE4 Datasheet HTML 3Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 4Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 5Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 6Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 7Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 8Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 9Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 10Page - Texas Instruments 74AVC20T245DGGRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SN74AVC20T245
20BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES566F − MAY 2004 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.8 V ± 0.15 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.6
0.5
6.1
0.5
5
0.5
3.9
0.5
3.5
ns
tPHL
A
B
3.6
0.5
6.1
0.5
5
0.5
3.9
0.5
3.5
ns
tPLH
B
A
2.8
0.5
5.4
0.5
5
0.5
4.7
0.5
4.6
ns
tPHL
B
A
2.8
0.5
5.4
0.5
5
0.5
4.7
0.5
4.6
ns
tPZH
OE
A
3.4
1
8.1
1
7.9
1
7.9
1
7.9
ns
tPZL
OE
A
3.4
1
8.1
1
7.9
1
7.9
1
7.9
ns
tPZH
OE
B
5
0.5
10
0.5
7.9
0.5
5.7
0.5
4.8
ns
tPZL
OE
B
5
0.5
10
0.5
7.9
0.5
5.7
0.5
4.8
ns
tPHZ
OE
A
4.1
2
7.4
2
7.4
2
7.4
2
7.4
ns
tPLZ
OE
A
4.1
2
7.4
2
7.4
2
7.4
2
7.4
ns
tPHZ
OE
B
4.9
1.5
8.7
1.5
7.4
1
5.8
1
5.1
ns
tPLZ
OE
B
4.9
1.5
8.7
1.5
7.4
1
5.8
1
5.1
ns
switching characteristics over recommended operating free-air temperature range,
VCCA = 2.5 V ± 0.2 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.5
0.5
5.8
0.5
4.7
0.5
3.5
0.5
3
ns
tPHL
A
B
3.5
0.5
5.8
0.5
4.7
0.5
3.5
0.5
3
ns
tPLH
B
A
2.7
0.5
4.3
0.5
3.9
0.5
3.5
0.5
3.4
ns
tPHL
B
A
2.7
0.5
4.3
0.5
3.9
0.5
3.5
0.5
3.4
ns
tPZH
OE
A
2.5
0.5
5.4
0.5
5.3
0.5
5.2
0.5
5.2
ns
tPZL
OE
A
2.5
0.5
5.4
0.5
5.3
0.5
5.2
0.5
5.2
ns
tPZH
OE
B
4.8
0.5
9.6
0.5
7.6
0.5
5.3
0.5
4.3
ns
tPZL
OE
B
4.8
0.5
9.6
0.5
7.6
0.5
5.3
0.5
4.3
ns
tPHZ
OE
A
3
1.1
5.2
1.1
5.2
1.1
5.2
1.1
5.2
ns
tPLZ
OE
A
3
1.1
5.2
1.1
5.2
1.1
5.2
1.1
5.2
ns
tPHZ
OE
B
4.7
1.2
8.2
1.2
6.9
1
5.3
1
5
ns
tPLZ
OE
B
4.7
1.2
8.2
1.2
6.9
1
5.3
1
5
ns


유사한 부품 번호 - 74AVC20T245DGGRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AVC20T245DGGRE4 TI-74AVC20T245DGGRE4 Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC20T245DGGRE4 TI-74AVC20T245DGGRE4 Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

유사한 설명 - 74AVC20T245DGGRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC20T245 TI-SN74AVC20T245_08 Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245 TI-SN74AVC20T245 Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245 Datasheet
437Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_07 Datasheet
281Kb / 14P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_09 Datasheet
607Kb / 21P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com