전자부품 데이터시트 검색엔진 |
|
TL082IDRE4 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
TL082IDRE4 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 37 page TL081, TL081A, TL081B, TL082, TL082A, TL082B TL084, TL084A, TL084B JFET INPUT OPERATIONAL AMPLIFIERS SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Slew rate at unity gain VI = 10 V, RL = 2 kΩ, CL = 100 pF, See Figure 1 8 13 V/ µs tr Rise time VI = 20 mV, RL = 2 kΩ, CL = 100 pF, See Figure 1 0.05 µs Overshoot factor VI = 20 mV, RL = 2 kΩ, CL = 100 pF, See Figure 1 20 % Vn Equivalent input noise voltage RS = 20 Ω f = 1 kHz 18 nV/ √Hz Vn Equivalent input noise voltage RS = 20 Ω f = 10 Hz to 10 kHz 4 µV In Equivalent input noise current RS = 20 Ω, f = 1 kHz 0.01 pA/ √Hz THD Total harmonic distortion VIrms = 6 V, f = 1 kHz AVD = 1, RS ≤ 1 kΩ, RL ≥ 2 kΩ, 0.003 % PARAMETER MEASUREMENT INFORMATION Figure 1 VI CL = 100 pF RL = 2 kΩ OUT Figure 2 VI 10 k Ω 1 k Ω RL CL = 100 pF OUT Figure 3 100 k Ω C2 C1 N1 500 pF OUT IN − Figure 4 TL081 N2 N1 100 k Ω 1.5 k Ω VCC − OUT IN − IN + |
유사한 부품 번호 - TL082IDRE4 |
|
유사한 설명 - TL082IDRE4 |