전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA208X-1000C0 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 BTA208X-1000C0
상세설명  High commutation three-quadrant triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208X-1000C0 데이터시트(HTML) 1 Page - NXP Semiconductors

  BTA208X-1000C0 Datasheet HTML 1Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 2Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 3Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 4Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 5Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 6Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 7Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 8Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BTA208X-1000C0
High commutation three-quadrant triacs
Rev. 01 — 3 September 2009
Product data sheet
1.
Product profile
1.1 General description
Passivated high voltage, high commutation triac in a full pack, plastic package. This triac
is intended for use in motor control circuits where high blocking voltage, high static and
dynamic dV/dt as well as high dIcom/dt can occur. This device will commutate the full
rated RMS current at the maximum rated junction temperature without the aid of a
snubber.
1.2 Features and benefits
3Q technology with superior
commutation performance for
improved noise immunity
Enhanced immunity to voltage
transients and noise
High false trigger immunity
Isolated package
Very high blocking voltage capability of
1000 V
1.3 Applications
General purpose motor control
Reversible induction motor control
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak
off-state voltage
-
-
1000
V
ITSM
non-repetitive peak
on-state current
full sine wave; Tj(init) =25°C;
tp = 20 ms; see Figure 4 and 5
--65
A
IT(RMS)
RMS on-state
current
full sine wave; Th ≤ 73 °C;
see Figure 3, 1 and 2
--8
A
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; see Figure 7
511
35
mA
VD =12V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; see Figure 7
5
1435mA
VD =12V; IT = 0.1 A; T2- G-;
Tj = 25 °C; see Figure 7
5
2535mA


유사한 부품 번호 - BTA208X-1000C0

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
BTA208X-1000C0 WEEN-BTA208X-1000C0 Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA208X-1000C0 ISC-BTA208X-1000C0 Datasheet
224Kb / 2P
   isc Triacs
More results

유사한 설명 - BTA208X-1000C0

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com