์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DAC1003D160 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 13 Page - NXP Semiconductors

๋ถ€ํ’ˆ๋ช… DAC1003D160
์ƒ์„ธ๋‚ด์šฉ  Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  NXP [NXP Semiconductors]
ํ™ˆํŽ˜์ด์ง€  http://www.nxp.com
Logo 

DAC1003D160 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 13 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
/ 19 page
 13 / 19 page
background image
DAC1003D160_2
ยฉ NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 โ€” 13 August 2008
13 of 19
NXP Semiconductors
DAC1003D160
Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
All resistors are 1 % precision resistors.
C = 100 nF.
Fig 10. Application diagram
C
DAC1003D160
VCCA
IVIRES
i.c.
QVIRES
VCCA
GAPOUT
AGND
GAPD
CLK
DGND
CLKN
DGND
AGND
DGND
AGND
3.3 V
AGND
3.3 V
AGND
DGND
3.3 V
DGND
DGND
DGND
DGND
DGND
3.3 V
DGND
DGND
i.c.
DGND
DGND
DGND
VCCD
VCCD
I9
DGND
I8
DGND
I7
n.c.
I6
n.c.
I5
n.c.
I4
n.c.
DGND
DGND
DEC
DEC
I3
Q0
I2
Q1
014aaa541
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
C
C
C
C
C
1.5 k
โ„ฆ
1.5 k
โ„ฆ
C
C
C
AGND
AGND
AGND
AGND
AGND
AGND
AGND
3.3 V
3.3 V
3.3 V
3.3 V
C
CC
C
CC
C
50
โ„ฆ
50
โ„ฆ
(RLOAD)
50
โ„ฆ
AGND
AGND
C
50
โ„ฆ
50
โ„ฆ
(RLOAD)
50
โ„ฆ
AGND
AGND
AGND
AGND
1:1
1:1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn