전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZTX956 데이터시트(PDF) 2 Page - Zetex Semiconductors

부품명 ZTX956
상세설명  PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX956 데이터시트(HTML) 2 Page - Zetex Semiconductors

  ZTX956 Datasheet HTML 1Page - Zetex Semiconductors ZTX956 Datasheet HTML 2Page - Zetex Semiconductors ZTX956 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP SILICON PLANAR MEDIUM POWER
HIGH CURRENT TRANSISTOR
ISSUE 3 – JUNE 94
FEATURES
* 2 Amps continuous current
* Up to 5 Amps peak current
* Very low saturation voltage
* Excellent gain characteristics up to 2 Amps
* Spice model available
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-220
V
Collector-Emitter Voltage
VCEO
-200
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-5
A
Continuous Collector Current
IC
-2
A
Practical Power Dissipation*
Ptotp
1.58
W
Power Dissipation at Tamb=25°C
Ptot
1.2
W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 1 inch square minimum
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-220
-300
V
IC=-100µA
Collector-Emitter Breakdown
Voltag
V(BR)CER
-220
-300
V
IC=-1µA, RB ≤1KΩ
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-200
-240
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-6
-8
V
IE=-100µA
Collector Cut-Off Current
ICBO
-50
-1
nA
µ
A
VCB=-200V
VCB=-200V, Tamb=100°C
Collector Cut-Off Current
ICER
R ≤1KΩ
-50
-1
nA
µ
A
VCB=-200V
VCB=-200V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-10
nA
VEB=-6V
Collector-Emitter Saturation
Voltage
VCE(sat)
-30
-110
-150
-50
-150
-250
mV
mV
mV
IC=-100mA, IB=-10mA*
IC=-1A, IB=-100mA*
IC=-2A, IB=-400mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-920
-1050 mV
IC=-2A, IB=-400mA
E-Line
TO92 Compatible
ZTX956
3-324
C
B
E
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Base-Emitter
Turn-On Voltage
VBE(on)
-770
-900
mV
IC=-2A, VCE=-5V*
Static Forward
Current Transfer Ratio
hFE
100
100
50
200
200
150
10
300
IC=-10mA, VCE=-5V*
IC=-1A, VCE=-5V*
IC=-2A, VCE=-5V*
IC=-5A, VCE=-5V*
Transition Frequency
fT
110
MHz
IC=-100mA, VCE=-10V
f=50MHz
Output Capacitance
Cobo
32
pF
VCB=-20V, f=1MHz
Switching Times
ton
toff
67
1140
ns
ns
IC=-1A, IB1=-100mA
IB2=100mA, VCC=-50V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX.
UNIT
Thermal Resistance: Junction to Ambient
Junction to Case
Rth(j-amb)
Rth(j-case)
150
50
°C/W
°C/W
ZTX956
-40
2.0
1.0
0.0001
50
150
100
Derating curve
T -Temperature (°C)
Maximum transient thermal impedance
Pulse Width (seconds)
10
100
1
0.1
0.01
4.0
3.0
-20
0
20 40
60 80 100 120
200
180
160
140
t1
tP
D=t1/tP
Case
te
m
peratu
re
Ambien
t tem
peratur
e
D.C.
D=0.6
D=0.2
D=0.1
Single Pulse
0.001
0
D=0.05
3-325


유사한 부품 번호 - ZTX956

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZTX956 DIODES-ZTX956 Datasheet
77Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX956 DIODES-ZTX956_15 Datasheet
77Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results

유사한 설명 - ZTX956

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZTX958 DIODES-ZTX958 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX955 DIODES-ZTX955_15 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX957 DIODES-ZTX957_15 Datasheet
73Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX955 DIODES-ZTX955 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Zetex Semiconductors
ZTX948 ZETEX-ZTX948 Datasheet
69Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX949 ZETEX-ZTX949 Datasheet
63Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX951 ZETEX-ZTX951 Datasheet
63Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX955 ZETEX-ZTX955 Datasheet
65Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX958 ZETEX-ZTX958 Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX958 DIODES-ZTX958_15 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX957 DIODES-ZTX957 Datasheet
73Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com