전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54819-0519 데이터시트(PDF) 3 Page - MolexKits

부품명 54819-0519
상세설명  Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEXKITS [MolexKits]
홈페이지  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

54819-0519 데이터시트(HTML) 3 Page - MolexKits

  54819-0519 Datasheet HTML 1Page - MolexKits 54819-0519 Datasheet HTML 2Page - MolexKits 54819-0519 Datasheet HTML 3Page - MolexKits 54819-0519 Datasheet HTML 4Page - MolexKits 54819-0519 Datasheet HTML 5Page - MolexKits 54819-0519 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0143
Features and Benefits
Applications
• Supports both analog and digital signals
• Plug and play interface (without shutting
down or reconfiguring)
• Excellent EMI/RFI (Fully Shielded)
• LFH™ contact design is rugged and
reliable, provides two points of contact
for optimal signal integrity
• Protruding shield, first make - last break
for ESD considerations
• Single and dual link digital signaling
allows high speed digital transmission
(4.95 Gbps and 9.9 Gbps)
• Analog coaxial lines allow high speed
transmission (2.5 GHz)
• Carries uncompressed audio / video in
a single cable (5 Gbps)
• HDMI^ to DVI cables are DVI backward
compatible
• Fully shielded ESD protection
• Triad signal layout, low impedance
mismatch
• Detent locks, strong mating between
plug and receptacle
• Metal shielding on all sides against EMI
• Small footprint, less PCB real estate
• Latches, for long cable latching
• Solder tab, secure PCB retention
• Desktop computers
• Multimedia equipment
• Flat panel displays
• Digital TVs/Plasma Displays/LCDs
• Audio/Video Receivers
• Set-Top Boxes
• DVD Players/Recorders/D-VHS Players
• High Definition Monitors
• PC (Personal Computer)
• External display interconnect
• Projector
• TV display
• DVD player
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 6


유사한 부품 번호 - 54819-0519

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54819-0519 TI1-54819-0519 Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
logo
MolexKits
54819-0519 MOLEXKITS-54819-0519 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
logo
Intersil Corporation
54819-0519 INTERSIL-54819-0519 Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
logo
Molex Electronics Ltd.
54819-0519 MOLEX1-54819-0519 Datasheet
40Kb / 2P
   Mini USB, B-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs, Lead-Free
54819-0519 MOLEX-54819-0519 Datasheet
157Kb / 2P
   USB SERIES MINI-B RECEPTACLE ASSY -LEAD FREE-
2004.04.28
More results

유사한 설명 - 54819-0519

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
0887328900 MOLEX1-0887328900 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 2.0m
0887328912 MOLEX1-0887328912_18 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m
0887328510 MOLEX1-0887328510 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1,0.80m Length, White
0887328500 MOLEX1-0887328500 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, White
0887328800 MOLEX1-0887328800 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, White
0887328802 MOLEX1-0887328802_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, Black
0887328502 MOLEX1-0887328502_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, Black
0887328702 MOLEX1-0887328702_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.50m Length, Black
0887328610 MOLEX1-0887328610 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m Length, White
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com