전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R-78B12-1.0 데이터시트(PDF) 1 Page - Recom International Power

부품명 R-78B12-1.0
상세설명  1.0 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B12-1.0 데이터시트(HTML) 1 Page - Recom International Power

  R-78B12-1.0 Datasheet HTML 1Page - Recom International Power R-78B12-1.0 Datasheet HTML 2Page - Recom International Power R-78B12-1.0 Datasheet HTML 3Page - Recom International Power R-78B12-1.0 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INNOLINE
DC/DC-Converter
R-78B-1.0
www.recom-international.com
I-27
REV:0/2010
1.0 AMP
SIP3
Single Output
Efficiency up to 97%,Non isolated,
no need for heatsinks
Pin-out compatible with LM78XX Linears
Low profile( L*W*H=11.5*8.5*17.5mm)
Wide input range.(4.75V ~ 34V)
Short circuit protection, Thermal shutdown
Non standard outputs available as specials
between 1.5V ~15V
Low ripple and noise
L” version with 90° pins
See Innoline Application Notes for use as an
inverter (alternative to LM79xx Linear)
Features
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Range (1)
Voltage
Current
Min. Vin
Max. Vin
SIP3
(V)
(V)
(A)
(%)
(%)
R-78B1.5-1.0
4.75 – 26
1.5
1.0
77
71
R-78B1.8-1.0
4.75 – 26
1.8
1.0
80
74
R-78B2.5-1.0
4.75 – 32
2.5
1.0
85
78
R-78B3.3-1.0
4.75 – 32
3.3
1.0
89
83
R-78B5.0-1.0
6.5 – 32
5.0
1.0
93
88
R-78B6.5-1.0
9.0 – 32
6.5
1.0
94
90
R-78B9.0-1.0
12 – 32
9.0
1.0
95
93
R-78B12-1.0
16 – 32
12
1.0
96
95
R-78B15-1.0
20 – 32
15
1.0
97
96
120
100
20
60
100
75
0
-40
Operating Temperature (°C)
0
80
50
25
71
Safe Operating Area
85
40
Derating-Graph
(Ambient Temperature)
The R-78Bxx-1.0 Series high efficiency switching regulators are ideally suited to replace 78xx linear regulators and are
pin compatible. The efficiency of up to 97% means that very little energy is wasted as heat so there is no need for any
heat sinks with their additional space and mounting costs.
The L-Version with 90° pins allows direct replacement for laid-flat regulators where component height is at a premium.
Low ripple and noise figures and a short circuit input current of typically only 10mA round off the specifications of this
versatile converter series.
Description
* add Suffix “L” for 90° bent pins, e.g. R-78B5.0-1.0L
R-78Bxx-1.0
-Vout
+Vout
+Vin
-Vin
C1
22µF
(Vin>30V)
To protect the converter during power-up, use C1=22µF if Vin>30V
Typical Application Circuit
EN-55022 Certified
EN-55024 Certified
EN-60601-1-2 Certified
EN-60950-1 Certified
RoHS
2002/95/EC
6/6


유사한 부품 번호 - R-78B12-1.0

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-78B12-1.0 RECOM-R-78B12-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B12-1.0 RECOM-R-78B12-1.0 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B12-1.0L RECOM-R-78B12-1.0L Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
More results

유사한 설명 - R-78B12-1.0

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com