전자부품 데이터시트 검색엔진 |
|
LM3S8630-IQR25-A2T 데이터시트(PDF) 66 Page - Texas Instruments |
|
LM3S8630-IQR25-A2T 데이터시트(HTML) 66 Page - Texas Instruments |
66 / 546 page handler to determine if a Brown-Out condition was the cause of the reset, thus allowing software to determine what actions are required to recover. The internal Brown-Out Reset timing is shown in Figure 20-7 on page 511. 6.1.2.6 Software Reset Software can reset a specific peripheral or generate a reset to the entire system . Peripherals can be individually reset by software via three registers that control reset signals to each peripheral (see the SRCRn registers). If the bit position corresponding to a peripheral is set and subsequently cleared, the peripheral is reset. The encoding of the reset registers is consistent with the encoding of the clock gating control for peripherals and on-chip functions (see “System Control” on page 71). Note that all reset signals for all clocks of the specified unit are asserted as a result of a software-initiated reset. The entire system can be reset by software by setting the SYSRESETREQ bit in the Cortex-M3 Application Interrupt and Reset Control register resets the entire system including the core. The software-initiated system reset sequence is as follows: 1. A software system reset is initiated by writing the SYSRESETREQ bit in the ARM Cortex-M3 Application Interrupt and Reset Control register. 2. An internal reset is asserted. 3. The internal reset is deasserted and the controller loads from memory the initial stack pointer, the initial program counter, and the first instruction designated by the program counter, and then begins execution. The software-initiated system reset timing is shown in Figure 20-8 on page 511. 6.1.2.7 Watchdog Timer Reset The watchdog timer module's function is to prevent system hangs. The watchdog timer can be configured to generate an interrupt to the controller on its first time-out, and to generate a reset signal on its second time-out. After the first time-out event, the 32-bit counter is reloaded with the value of the Watchdog Timer Load (WDTLOAD) register, and the timer resumes counting down from that value. If the timer counts down to its zero state again before the first time-out interrupt is cleared, and the reset signal has been enabled, the watchdog timer asserts its reset signal to the system. The watchdog timer reset sequence is as follows: 1. The watchdog timer times out for the second time without being serviced. 2. An internal reset is asserted. 3. The internal reset is released and the controller loads from memory the initial stack pointer, the initial program counter, the first instruction designated by the program counter, and begins execution. The watchdog reset timing is shown in Figure 20-9 on page 511. 6.1.3 Power Control The Stellaris ® microcontroller provides an integrated LDO regulator that may be used to provide power to the majority of the controller's internal logic. For power reduction, the LDO regulator provides April 04, 2010 66 Texas Instruments-Production Data System Control |
유사한 부품 번호 - LM3S8630-IQR25-A2T |
|
유사한 설명 - LM3S8630-IQR25-A2T |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |