전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8630-EQR50-A2T 데이터시트(PDF) 20 Page - Texas Instruments

부품명 LM3S8630-EQR50-A2T
상세설명  Stellaris짰 LM3S8630 Microcontroller
Download  546 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8630-EQR50-A2T 데이터시트(HTML) 20 Page - Texas Instruments

Back Button LM3S8630-EQR50-A2T Datasheet HTML 16Page - Texas Instruments LM3S8630-EQR50-A2T Datasheet HTML 17Page - Texas Instruments LM3S8630-EQR50-A2T Datasheet HTML 18Page - Texas Instruments LM3S8630-EQR50-A2T Datasheet HTML 19Page - Texas Instruments LM3S8630-EQR50-A2T Datasheet HTML 20Page - Texas Instruments LM3S8630-EQR50-A2T Datasheet HTML 21Page - Texas Instruments LM3S8630-EQR50-A2T Datasheet HTML 22Page - Texas Instruments LM3S8630-EQR50-A2T Datasheet HTML 23Page - Texas Instruments LM3S8630-EQR50-A2T Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 546 page
background image
Table 1. Revision History (continued)
Description
Revision
Date
Added JTAG/SWD clarification (see “Communication with JTAG/SWD” on page 57).
Added clarification that the PLL operates at 400 MHz, but is divided by two prior to the application
of the output divisor.
Added "GPIO Module DC Characteristics" table (see Table 20-4 on page 504).
Additional minor data sheet clarifications and corrections.
5367
April 2009
Clarified Power-on reset and RST pin operation; added new diagrams.
Corrected the reset value of the Hibernation Data (HIBDATA) and Hibernation Control (HIBCTL)
registers.
Clarified explanation of nonvolatile register programming in Internal Memory chapter.
Added explanation of reset value to FMPRE0/1/2/3, FMPPE0/1/2/3, USER_DBG, and USER_REG0/1
registers.
Added description for Ethernet PHY power-saving modes.
Corrected the reset values for bits 6 and 7 in the Ethernet MR24 register.
Changed buffer type for WAKE pin to TTL and HIB pin to OD.
In ADC characteristics table, changed Max value for GAIN parameter from ±1 to ±3 and added EIR
(Internal voltage reference error) parameter.
Additional minor data sheet clarifications and corrections.
5902
July 2009
Corrected ordering numbers.
5920
July 2009
Removed erroneous reference to the WRC bit in the Hibernation chapter.
Deleted reset value for 16-bit mode from GPTMTAILR, GPTMTAMATCHR, and GPTMTAR registers
because the module resets in 32-bit mode.
Clarified CAN bit timing and corrected examples.
Made these changes to the Electrical Characteristics chapter:
Removed VSIH and VSIL parameters from Operating Conditions table.
Added table showing actual PLL frequency depending on input crystal.
Changed the name of the tHIB_REG_WRITE parameter to tHIB_REG_ACCESS.
Changed SSI set up and hold times to be expressed in system clocks, not ns.
6462
October 2009
April 04, 2010
20
Texas Instruments-Production Data
Revision History


유사한 부품 번호 - LM3S8630-EQR50-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630-EQC50-A2 TI-LM3S8630-EQC50-A2 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
LM3S8630-EQC50-A2T TI-LM3S8630-EQC50-A2T Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
More results

유사한 설명 - LM3S8630-EQR50-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630 TI-LM3S8630_1 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
logo
List of Unclassifed Man...
LM3S8630-IQC50 ETC2-LM3S8630-IQC50 Datasheet
5Mb / 519P
   LM3S8630 Microcontroller
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com