전자부품 데이터시트 검색엔진 |
|
LM3S8630-IQR50-A2T 데이터시트(PDF) 51 Page - Texas Instruments |
|
LM3S8630-IQR50-A2T 데이터시트(HTML) 51 Page - Texas Instruments |
51 / 546 page 5 JTAG Interface The Joint Test Action Group (JTAG) port is an IEEE standard that defines a Test Access Port and Boundary Scan Architecture for digital integrated circuits and provides a standardized serial interface for controlling the associated test logic. The TAP, Instruction Register (IR), and Data Registers (DR) can be used to test the interconnections of assembled printed circuit boards and obtain manufacturing information on the components. The JTAG Port also provides a means of accessing and controlling design-for-test features such as I/O pin observation and control, scan testing, and debugging. The JTAG port is comprised of five pins: TRST, TCK, TMS, TDI, and TDO. Data is transmitted serially into the controller on TDI and out of the controller on TDO. The interpretation of this data is dependent on the current state of the TAP controller. For detailed information on the operation of the JTAG port and TAP controller, please refer to the IEEE Standard 1149.1-Test Access Port and Boundary-Scan Architecture. The Stellaris ® JTAG controller works with the ARM JTAG controller built into the Cortex-M3 core. This is implemented by multiplexing the TDO outputs from both JTAG controllers. ARM JTAG instructions select the ARM TDO output while Stellaris ® JTAG instructions select the Stellaris® TDO outputs. The multiplexer is controlled by the Stellaris ® JTAG controller, which has comprehensive programming for the ARM, Stellaris ®, and unimplemented JTAG instructions. The Stellaris ® JTAG module has the following features: ■ IEEE 1149.1-1990 compatible Test Access Port (TAP) controller ■ Four-bit Instruction Register (IR) chain for storing JTAG instructions ■ IEEE standard instructions: BYPASS, IDCODE, SAMPLE/PRELOAD, EXTEST and INTEST ■ ARM additional instructions: APACC, DPACC and ABORT ■ Integrated ARM Serial Wire Debug (SWD) See the ARM® Cortex™-M3 Technical Reference Manual for more information on the ARM JTAG controller. 51 April 04, 2010 Texas Instruments-Production Data Stellaris® LM3S8630 Microcontroller |
유사한 부품 번호 - LM3S8630-IQR50-A2T |
|
유사한 설명 - LM3S8630-IQR50-A2T |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |