전자부품 데이터시트 검색엔진 |
|
LM3S8630-IQR50-A2T 데이터시트(PDF) 71 Page - Texas Instruments |
|
LM3S8630-IQR50-A2T 데이터시트(HTML) 71 Page - Texas Instruments |
71 / 546 page 6.1.5 System Control For power-savings purposes, the RCGCn , SCGCn , and DCGCn registers control the clock gating logic for each peripheral or block in the system while the controller is in Run, Sleep, and Deep-Sleep mode, respectively. There are four levels of operation for the device defined as: ■ Run Mode. In Run mode, the controller actively executes code. Run mode provides normal operation of the processor and all of the peripherals that are currently enabled by the RCGCn registers. The system clock can be any of the available clock sources including the PLL. ■ Sleep Mode. In Sleep mode, the clock frequency of the active peripherals is unchanged, but the processor and the memory subsystem are not clocked and therefore no longer execute code. Sleep mode is entered by the Cortex-M3 core executing a WFI(Wait for Interrupt) instruction. Any properly configured interrupt event in the system will bring the processor back into Run mode. See the system control NVIC section of the ARM® Cortex™-M3 Technical Reference Manual for more details. Peripherals are clocked that are enabled in the SCGCn register when auto-clock gating is enabled (see the RCC register) or the RCGCn register when the auto-clock gating is disabled. The system clock has the same source and frequency as that during Run mode. ■ Deep-Sleep Mode. In Deep-Sleep mode, the clock frequency of the active peripherals may change (depending on the Run mode clock configuration) in addition to the processor clock being stopped. An interrupt returns the device to Run mode from one of the sleep modes; the sleep modes are entered on request from the code. Deep-Sleep mode is entered by first writing the Deep Sleep Enable bit in the ARM Cortex-M3 NVIC system control register and then executing a WFI instruction. Any properly configured interrupt event in the system will bring the processor back into Run mode. See the system control NVIC section of the ARM® Cortex™-M3 Technical Reference Manual for more details. The Cortex-M3 processor core and the memory subsystem are not clocked. Peripherals are clocked that are enabled in the DCGCn register when auto-clock gating is enabled (see the RCC register) or the RCGCn register when auto-clock gating is disabled. The system clock source is the main oscillator by default or the internal oscillator specified in the DSLPCLKCFG register if one is enabled. When the DSLPCLKCFG register is used, the internal oscillator is powered up, if necessary, and the main oscillator is powered down. If the PLL is running at the time of the WFI instruction, hardware will power the PLL down and override the SYSDIV field of the active RCC/RCC2 register, to be determined by the DSDIVORIDE setting in the DSLPCLKCFG register, up to /16 or /64 respectively. When the Deep-Sleep exit event occurs, hardware brings the system clock back to the source and frequency it had at the onset of Deep-Sleep mode before enabling the clocks that had been stopped during the Deep-Sleep duration. ■ Hibernate Mode. In this mode, the power supplies are turned off to the main part of the device and only the Hibernation module's circuitry is active. An external wake event or RTC event is required to bring the device back to Run mode. The Cortex-M3 processor and peripherals outside of the Hibernation module see a normal "power on" sequence and the processor starts running code. It can determine that it has been restarted from Hibernate mode by inspecting the Hibernation module registers. 71 April 04, 2010 Texas Instruments-Production Data Stellaris® LM3S8630 Microcontroller |
유사한 부품 번호 - LM3S8630-IQR50-A2T |
|
유사한 설명 - LM3S8630-IQR50-A2T |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |