전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8629S 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8629S
상세설명  Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8629S 데이터시트(HTML) 4 Page - Analog Devices

  AD8629S Datasheet HTML 1Page - Analog Devices AD8629S Datasheet HTML 2Page - Analog Devices AD8629S Datasheet HTML 3Page - Analog Devices AD8629S Datasheet HTML 4Page - Analog Devices AD8629S Datasheet HTML 5Page - Analog Devices AD8629S Datasheet HTML 6Page - Analog Devices AD8629S Datasheet HTML 7Page - Analog Devices AD8629S Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD8629S
ASD0016529 Rev. C | Page 4 of 8
TABLE IA – ELECTRICAL PERFORMANCE CHARACTERISTICS (Vs = 5.0V) – Cont.
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
Vs = 2.7V to 5.5V
1,2,3
115
dB
M,D
1
115
dB
Total Supply Current
(Both Amps)
ISY
VO = VS/2
1
2,3
2.2
2.4
mA
mA
M,D
1
2.2
mA
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
2/ 3/
4
2.5
MHz
TABLE IA NOTES:
1/ +VS = 5.0V, -Vs=GND, VCM = 2.5V, TA nom = 25ºC, TA max = 125ºC, TA min = -55ºC unless otherwise noted
2/ Guaranteed by characterization analysis – not production tested. Characterization will be repeated in conjunction with any major design changes.
3/ Parameter is not tested post irradiation
TABLE IB – ELECTRICAL PERFORMANCE CHARACTERISTICS (Vs = 2.7V)
Parameter
See notes at end of table
Symbol
Conditions 1/
Unless otherwise specified
Sub-Group
Limit
Min
Limit
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
2,3
-10
-15
10
15
µV
µV
M,D
1
-10
10
µV
Input Bias Current
IB
1
2,3
-500
-1.5
500
1.5
pA
nA
M,D
1
-500
500
pA
Input Offset Current
IOS
1
2,3
-400
-500
400
500
pA
pA
M,D
1
-400
400
pA
Input Voltage Range
IVR
1,2,3
0
2.7
V
M,D
1
0
2.7
V
Common-Mode
Rejection Ratio
CMRR VCM = 0 to 2.7V
1
2,3
115
110
dB
dB
M,D
1
115
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.3V to 2.4V
1
2,3
110
105
dB
dB
M,D
1
110
dB
Offset Voltage Drift
∆VOS/∆T 3/
2,3
0.06
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to ground
1
2,3
2.68
2.68
V
V
M,D
1
2.68
V
RL = 10 kΩ to ground
1
2,3
2.67
2.67
V
V
M,D
1
2.67
V


유사한 부품 번호 - AD8629S

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8629S AD-AD8629S Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
More results

유사한 설명 - AD8629S

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8629 AD-AD8629 Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8628 AD-AD8628 Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8628 AD-AD8628_08 Datasheet
432Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8629-EP AD-AD8629-EP Datasheet
252Kb / 8P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. A
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com