전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD80066KRSZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD80066KRSZ
상세설명  Complete 16-Bit CCD/CIS Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD80066KRSZ 데이터시트(HTML) 1 Page - Analog Devices

  AD80066KRSZ Datasheet HTML 1Page - Analog Devices AD80066KRSZ Datasheet HTML 2Page - Analog Devices AD80066KRSZ Datasheet HTML 3Page - Analog Devices AD80066KRSZ Datasheet HTML 4Page - Analog Devices AD80066KRSZ Datasheet HTML 5Page - Analog Devices AD80066KRSZ Datasheet HTML 6Page - Analog Devices AD80066KRSZ Datasheet HTML 7Page - Analog Devices AD80066KRSZ Datasheet HTML 8Page - Analog Devices AD80066KRSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Complete 16-Bit
CCD/CIS Signal Processor
AD80066
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit, 24 MSPS analog-to-digital converter (ADC)
4-channel operation up to 24 MHz (6 MHz/channel)
3-channel operation up to 24 MHz (8 MHz/channel)
Selectable input range: 3 V or 1.5 V peak-to-peak
Input clamp circuitry
Correlated double sampling
1×~6× programmable gain
±300 mV programmable offset
Internal voltage reference
Multiplexed byte-wide output
Optional single-byte output mode
3-wire serial digital interface
3 V/5 V digital I/O compatibility
Power dissipation: 490 mW at 24 MHz operation
Reduced power mode and sleep mode available
28-lead SSOP package
APPLICATIONS
Flatbed document scanners
Film scanners
Digital color copiers
Multifunction peripherals
GENERAL DESCRIPTION
The AD80066 is a complete analog signal processor for imaging
applications. It features a 4-channel architecture designed to sample
and condition the outputs of linear charged coupled device (CCD)
or contact image sensor (CIS) arrays. Each channel consists of
an input clamp, correlated double sampler (CDS), offset digital-
to-analog converter (DAC), and programmable gain amplifier
(PGA), multiplexed to a high performance 16-bit ADC. For
maximum flexibility, the AD80066 can be configured as a
4-channel, 3-channel, 2-channel, or 1-channel device.
The CDS amplifiers can be disabled for use with sensors that
do not require CDS, such as CIS and CMOS sensors.
The 16-bit digital output is multiplexed into an 8-bit output word,
which is accessed using two read cycles. There is an optional
single-byte output mode. The internal registers are programmed
through a 3-wire serial interface and enable adjustment of the
gain, offset, and operating mode. The AD80066 operates from a
5 V power supply, typically consumes 490 mW of power, and is
packaged in a 28-lead SSOP.
FUNCTIONAL BLOCK DIAGRAM
DOUT
(D[0:7])
SCLK
SLOAD
SDATA
ADCCLK
OFFSET
AVDD
AVSS
CML
AVDD
CAPT
CAPB
AD80066
DRVDD DRVSS
GAIN
REGISTERS
OFFSET
REGISTERS
4:1
MUX
16-BIT
ADC
CH. A
CH. B
CH. C
CH. D
8
16
CH. A
CH. B
CH. C
CH. D
6
9
PGA
PGA
PGA
CDS
CDS
CDS
AVSS
VIND
VINC
VINB
VINA
CDS
DIGITAL
CONTROL
INTERFACE
INPUT
CLAMP
BIAS
9-BIT
DAC
9-BIT
DAC
9-BIT
DAC
9-BIT
DAC
PGA
CONFIGURATION
REGISTER
MUX
REGISTER
CDSCLK2
CDSCLK1
BAND GAP
REFERENCE
16:8
MUX
Figure 1.


유사한 부품 번호 - AD80066KRSZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD80066KRSZ AD-AD80066KRSZ Datasheet
388Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
AD80066KRSZRL AD-AD80066KRSZRL Datasheet
388Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
More results

유사한 설명 - AD80066KRSZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9822JRZ AD-AD9822JRZ Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com