전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8630-EQC50-A2 데이터시트(PDF) 67 Page - Texas Instruments

부품명 LM3S8630-EQC50-A2
상세설명  Stellaris짰 LM3S8630 Microcontroller
Download  546 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8630-EQC50-A2 데이터시트(HTML) 67 Page - Texas Instruments

Back Button LM3S8630-EQC50-A2 Datasheet HTML 63Page - Texas Instruments LM3S8630-EQC50-A2 Datasheet HTML 64Page - Texas Instruments LM3S8630-EQC50-A2 Datasheet HTML 65Page - Texas Instruments LM3S8630-EQC50-A2 Datasheet HTML 66Page - Texas Instruments LM3S8630-EQC50-A2 Datasheet HTML 67Page - Texas Instruments LM3S8630-EQC50-A2 Datasheet HTML 68Page - Texas Instruments LM3S8630-EQC50-A2 Datasheet HTML 69Page - Texas Instruments LM3S8630-EQC50-A2 Datasheet HTML 70Page - Texas Instruments LM3S8630-EQC50-A2 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 546 page
background image
software a mechanism to adjust the regulated value, in small increments (VSTEP), over the range
of 2.25 V to 2.75 V (inclusive)—or 2.5 V ± 10%. The adjustment is made by changing the value of
the VADJ field in the LDO Power Control (LDOPCTL) register.
Figure 6-4 on page 67 shows the power architecture.
Note:
On the printed circuit board, use the LDO output as the source of VDD25 input. In addition,
the LDO requires decoupling capacitors. See “On-Chip Low Drop-Out (LDO) Regulator
Characteristics” on page 504.
Figure 6-4. Power Architecture
I/O Buffers
Analog circuits
(ADC, analog
comparators)
Low-noise
LDO
Internal
Logic and PLL
GND
GND
GND
GND
GNDA
GND
GND
GND
GND
VDD
VDD
VDD
VDD
VDDA
VDDA
VDD25
VDD25
VDD25
VDD25
LDO
+3.3V
Ethernet
PHY
GNDPHY
GNDPHY
GNDPHY
GNDPHY
VCCPHY
VCCPHY
VCCPHY
VCCPHY
GNDA
VDD
67
April 04, 2010
Texas Instruments-Production Data
Stellaris® LM3S8630 Microcontroller


유사한 부품 번호 - LM3S8630-EQC50-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630-EQC50-A2 TI-LM3S8630-EQC50-A2 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
LM3S8630-EQC50-A2T TI-LM3S8630-EQC50-A2T Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
More results

유사한 설명 - LM3S8630-EQC50-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630 TI-LM3S8630_1 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
logo
List of Unclassifed Man...
LM3S8630-IQC50 ETC2-LM3S8630-IQC50 Datasheet
5Mb / 519P
   LM3S8630 Microcontroller
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com