전자부품 데이터시트 검색엔진 |
|
LF13-WBJ-3S 데이터시트(PDF) 2 Page - Hirose Electric |
|
LF13-WBJ-3S 데이터시트(HTML) 2 Page - Hirose Electric |
2 / 11 page 2 LF Series ●Miniature Waterproof Shielded Connectors 1A DC Frequency: 10 to 500Hz, single amplitude of 0.75mm, acceleration of 98 m/s2 for 3 hours in 3 axis. Acceleration of 490m/s2, 11ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis. 1000 cycles Temperature: -55ç ➝ Room temperature ➝ +125ç ➝ Room temperature Time: 30 ➝ 10 to 15 ➝ 30 ➝ 10 to 15 (minutes) 5 cycles 96 hours at temperature of 40ç and humidity of 90% to 95%. Complete dust protection. No water penetration when submerged for 48 hours at the depth of 1.8 meter. No electrical discontinuity for 10μs max. No electrical discontinuity for 10μs max. Insulation resistance: 100 Mø min. Insulation resistance: 110 Mø min. (When temperature high) Insulation resistance: 100 Mø min. (Dray state) When mated with corresponding connector. 1000 Mø min. 30 mø max. (3, 6, 12, 20 pos.) 10 mø max. (4 pos.) 10 mø max.(A to D), 30 mø max.(1 to 7)(11pos.) 500V DC (3, 4 pos.) 100V DC (6, 12, 20 pos.) 500V DC (A to D), 100V DC (1 to 7)(11pos.) No flashover or insulation breakdown. 1250V AC/one minute (3, 4 pos.) 300V AC/one minute (6, 12, 20 pos.) 1250V AC(A to D),300V AC(1 to 7) / one minute(11pos.) 11.Contact resistance 12.Insulation resistance 13.Withstanding voltage 14.Vibration 15.Shock 16.Durability 16.(Mating/un-mating) 17.Temperature cycle 18.Humidity 19.Water / dust protection 15 mø max. (3, 6, 12, 20 pos.) 15 mø max. (4 pos.) 15 mø max. (A to D), 15mø max. (1 to 7)(11 pos.) Rating Voltage rating Current rating Operating temperature range Storage temperature range –25ç to +85ç (Note 1) –25ç to +85ç (Note 2) 125V AC, 175V DC (3 pos.) 125V AC, 125V DC (4 pos.) 30V AC, 42V DC (6 pos. , 12pos. , 20pos.) 125V AC, DC (11 pos. A to D) 30V AC, 42V DC (11 pos. 1 to 7) 5A max. (3 pos.) 10A max. (4 pos.) 2A max. (6 pos. , 12pos. , 20pos.) 10A(11 pos. A to D), 2A(11 pos. 1 to 7) ■Product Specifications Item Specification Conditions Material Finish / Color Remarks –––––––––– UL94V-0 –––––––––– –––––––––– Body / back shell Insulator Contacts Gasket Zinc alloy PPS Copper alloy Chloroprene rubber Nickel plated Black Gold plated Black ■Materials / Finish Note 1: Includes temperature rise caused by the current flow. Note 2: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating temperature range and humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation. ■Ordering Information Series name : LF Shell size 07 10 13 Waterproof W : Waterproof type Lock Mechanism B : Bayonet lock Connector type P : Plug R : Receptacle J : Jack Number of contacts : 3, 4, 6, 11, 12, 20 Contact type P : Male contact S : Female contact -- S 6 P B W 07 LF 1 2 3 4 5 6 7 1 2 3 4 5 6 7 Components The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
유사한 부품 번호 - LF13-WBJ-3S |
|
유사한 설명 - LF13-WBJ-3S |