전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8630-IQR80-A2 데이터시트(PDF) 66 Page - Texas Instruments

부품명 LM3S8630-IQR80-A2
상세설명  Stellaris짰 LM3S8630 Microcontroller
Download  546 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8630-IQR80-A2 데이터시트(HTML) 66 Page - Texas Instruments

Back Button LM3S8630-IQR80-A2 Datasheet HTML 62Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 63Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 64Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 65Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 66Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 67Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 68Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 69Page - Texas Instruments LM3S8630-IQR80-A2 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 546 page
background image
handler to determine if a Brown-Out condition was the cause of the reset, thus allowing software to
determine what actions are required to recover.
The internal Brown-Out Reset timing is shown in Figure 20-7 on page 511.
6.1.2.6
Software Reset
Software can reset a specific peripheral or generate a reset to the entire system .
Peripherals can be individually reset by software via three registers that control reset signals to each
peripheral (see the SRCRn registers). If the bit position corresponding to a peripheral is set and
subsequently cleared, the peripheral is reset. The encoding of the reset registers is consistent with
the encoding of the clock gating control for peripherals and on-chip functions (see “System
Control” on page 71). Note that all reset signals for all clocks of the specified unit are asserted as
a result of a software-initiated reset.
The entire system can be reset by software by setting the SYSRESETREQ bit in the Cortex-M3
Application Interrupt and Reset Control register resets the entire system including the core. The
software-initiated system reset sequence is as follows:
1.
A software system reset is initiated by writing the SYSRESETREQ bit in the ARM Cortex-M3
Application Interrupt and Reset Control register.
2.
An internal reset is asserted.
3.
The internal reset is deasserted and the controller loads from memory the initial stack pointer,
the initial program counter, and the first instruction designated by the program counter, and
then begins execution.
The software-initiated system reset timing is shown in Figure 20-8 on page 511.
6.1.2.7
Watchdog Timer Reset
The watchdog timer module's function is to prevent system hangs. The watchdog timer can be
configured to generate an interrupt to the controller on its first time-out, and to generate a reset
signal on its second time-out.
After the first time-out event, the 32-bit counter is reloaded with the value of the Watchdog Timer
Load (WDTLOAD) register, and the timer resumes counting down from that value. If the timer counts
down to its zero state again before the first time-out interrupt is cleared, and the reset signal has
been enabled, the watchdog timer asserts its reset signal to the system. The watchdog timer reset
sequence is as follows:
1.
The watchdog timer times out for the second time without being serviced.
2.
An internal reset is asserted.
3.
The internal reset is released and the controller loads from memory the initial stack pointer, the
initial program counter, the first instruction designated by the program counter, and begins
execution.
The watchdog reset timing is shown in Figure 20-9 on page 511.
6.1.3
Power Control
The Stellaris
® microcontroller provides an integrated LDO regulator that may be used to provide
power to the majority of the controller's internal logic. For power reduction, the LDO regulator provides
April 04, 2010
66
Texas Instruments-Production Data
System Control


유사한 부품 번호 - LM3S8630-IQR80-A2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8630-IQC50 ETC2-LM3S8630-IQC50 Datasheet
5Mb / 519P
   LM3S8630 Microcontroller
logo
Texas Instruments
LM3S8630-IQC50-A2 TI-LM3S8630-IQC50-A2 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
LM3S8630-IQC50-A2T TI-LM3S8630-IQC50-A2T Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
More results

유사한 설명 - LM3S8630-IQR80-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8630 TI-LM3S8630_1 Datasheet
4Mb / 550P
[Old version datasheet]   Stellaris짰 LM3S8630 Microcontroller
logo
List of Unclassifed Man...
LM3S8630-IQC50 ETC2-LM3S8630-IQC50 Datasheet
5Mb / 519P
   LM3S8630 Microcontroller
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com