전자부품 데이터시트 검색엔진 |
|
LF13-WBP-11S 데이터시트(PDF) 10 Page - Hirose Electric |
|
LF13-WBP-11S 데이터시트(HTML) 10 Page - Hirose Electric |
10 / 11 page 10 LF Series ●Miniature Waterproof Shielded Connectors No. 5 6 5 5 Note It is critical that the cable itself will not turn or twist during this operation. Note It is critical that the protrusions are inside the corresponding grooves. Forming cavity Crimping tool Connector Assembly 12 , Backshell Threaded section Wrench width : D 3 4 5 5 34 , Tightening collar Groove Protrusion Strain relief collar Seal bushing Tightening collar Threaded section Both sides of the shielding clamp must be placed in the forming cavity of the tool (as shown on the illustration) and crimped over the cable by closing the tool completely. 1 Place the body/insulator assembly in the applicable solder termination fixture. Slide forward the seal bushing and insert it in the backshell until fully seated. Verify that the Locktite 7649 primer (or equivalent) on the threaded sections of the backshell and tightening collar are dry. Apply the Locktite 271 compound to the tightening collar’s threaded section and attach it to the backshell. Slide forward the strain relief collar and insert it in the backshell, making sure that the opposing protrusions fit inside the corresponding grooves, as shown on the illustration. 2 Coat the thread section of the body/insulator assembly with Loctite 271 compound (manufactured by Henckel Japan, Ltd.) or equivalent, tightening it with a torque specified in the table 6. Illustration Operation Crimping tool Forming cavity Applicable cable diameter Shielding clamp diameter after crimping HR10A-TC-02 5.3 5mm ––– 7.3mm 8.7mm 5.3mm to 5.5mm ––– 7.9mm to 8.1mm 9.1mm to 9.3mm 7.0 LF-TC-01 7.9 9.1 Shell size Tightening torque Wrench width LF07 LF10 10mm 1N·m~1.5N·m 1N·m~1.5N·m 13mm LF13 1.5N·m~2N·m 16mm Table 6 Fixture Part No. Applicable connector Fixture Part No. Applicable connector LF07BP-T01 LF10BP-T01 LF13BP-T01 LF07WBP-6S,6P,3S,3P LF10WBP-4S,4P,12S,12P LF13WBP-20S,20P,11S,11P LF07BJ-T01 LF10BJ-T01 LF13BJ-T01 LF07WBJ-6S,6P,3S,3P LF10WBJ-4S,4P,12S,12P LF13WBJ-20S,20P,11S,11P For plug assembly For jack assembly The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
유사한 부품 번호 - LF13-WBP-11S |
|
유사한 설명 - LF13-WBP-11S |