전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5366 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 Si5366
상세설명  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5366 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button Si5366 Datasheet HTML 6Page - Silicon Laboratories Si5366 Datasheet HTML 7Page - Silicon Laboratories Si5366 Datasheet HTML 8Page - Silicon Laboratories Si5366 Datasheet HTML 9Page - Silicon Laboratories Si5366 Datasheet HTML 10Page - Silicon Laboratories Si5366 Datasheet HTML 11Page - Silicon Laboratories Si5366 Datasheet HTML 12Page - Silicon Laboratories Si5366 Datasheet HTML 13Page - Silicon Laboratories Si5366 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Si5317
10
Preliminary Rev. 0.15
Table 4. AC Characteristics
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Frequency
CKNF
1—
710
MHz
CKIN Input Pins
Input Duty Cycle (Minimum Pulse
Width)
CKNDC
Whichever is smaller
40
60
%
2—
ns
Input Capacitance
CKNCIN
——
3
pF
Input Rise/Fall Time
CKNTRF
20–80%
See Figure 2
——
11
ns
CKOUT Output Pins
Output Frequency (Output not
configured for CMOS or disable)
CKOF
1—
710
MHz
Maximum Output Frequency in
CMOS Format
CKOFMC
1
212.5
MHz
Single-ended Output Rise/Fall
(20–80%)
CKOTRF
CMOS Output
VDD =1.62
Cload = 5 pF
——
8
ns
CMOS Output
VDD =2.97
Cload = 5 pF
——
2
ns
Differential Output Rise/Fall Time
CKOTRF
20 to 80 %, fOUT = 622.08
230
350
ps
Output Duty Cycle Differential
Uncertainty
CKODC
100
 Load
Line to Line
Measured at 50% Point
(not for CMOS)
——
±40
ps
LVCMOS Pins
Input Capacitance
CIN
——
3
pF


유사한 부품 번호 - Si5366

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5366 SKYWORKS-SI5366 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5366-B-GQ SILABS-SI5366-B-GQ Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5366-C-GQ SKYWORKS-SI5366-C-GQ Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

유사한 설명 - Si5366

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5317 SKYWORKS-SI5317 Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Texas Instruments
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
[Old version datasheet]   LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
[Old version datasheet]   LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com