전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZU2.7B2L 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 PZU2.7B2L
상세설명  Single Zener diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU2.7B2L 데이터시트(HTML) 5 Page - NXP Semiconductors

  PZU2.7B2L Datasheet HTML 1Page - NXP Semiconductors PZU2.7B2L Datasheet HTML 2Page - NXP Semiconductors PZU2.7B2L Datasheet HTML 3Page - NXP Semiconductors PZU2.7B2L Datasheet HTML 4Page - NXP Semiconductors PZU2.7B2L Datasheet HTML 5Page - NXP Semiconductors PZU2.7B2L Datasheet HTML 6Page - NXP Semiconductors PZU2.7B2L Datasheet HTML 7Page - NXP Semiconductors PZU2.7B2L Datasheet HTML 8Page - NXP Semiconductors PZU2.7B2L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PZUXBL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 6 May 2008
5 of 13
NXP Semiconductors
PZUxBL series
Single Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
4.7
B
4.42
4.90
800
80
2
1
−1.4
325
8
B2
4.55
4.75
5.1
B
4.84
5.37
250
60
2
1.5
0.3
300
5.5
B2
4.98
5.20
5.6
B
5.31
5.92
100
40
1
2.5
1.9
275
5.5
B2
5.49
5.73
Table 8.
Characteristics per type; PZU2.4BL to PZU5.6B2L …continued
Tj =25 °C unless otherwise specified.
PZUxxx Sel
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ = 0.5 mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V)
Typ
Max
Max
Table 9.
Characteristics per type; PZU6.2BL to PZU36BL
Tj =25 °C unless otherwise specified.
PZUxxx Sel
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Reverse
current
IR (nA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ = 0.5 mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V)
Typ
Max
Max
6.2
B
5.86
6.53
80
30
500
3
2.7
250
5.5
B2
6.06
6.33
6.8
B
6.47
7.14
60
20
500
3.5
3.4
215
5.5
B2
6.65
6.93
7.5
B
7.06
7.84
60
10
500
4
4.0
170
3.5
B2
7.28
7.60
8.2
B
7.76
8.64
60
10
500
5
4.6
150
3.5
B2
8.02
8.36
9.1
B
8.56
9.55
60
10
500
6
5.5
120
3.5
B2
8.85
9.23
10
B
9.45
10.55 60
10
100
7
6.4
110
3.5
B2
9.77
10.21
11
B
10.44 11.56 60
10
100
8
7.4
108
3
B2
10.76 11.22
12
B
11.42 12.60 80
10
100
9
8.4
105
3
B2
11.74 12.24
13
B
12.47 13.96 80
10
100
10
9.4
103
2.5
B2
12.91 13.49
14
B2
13.70 14.30 80
10
100
11
10.4
101
2


유사한 부품 번호 - PZU2.7B2L

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PZU2.7B2L NEXPERIA-PZU2.7B2L Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
More results

유사한 설명 - PZU2.7B2L

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com