전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1308T 데이터시트(PDF) 12 Page - NXP Semiconductors

부품명 TDA1308T
상세설명  Class-AB stereo headphone driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1308T 데이터시트(HTML) 12 Page - NXP Semiconductors

Back Button TDA1308T Datasheet HTML 8Page - NXP Semiconductors TDA1308T Datasheet HTML 9Page - NXP Semiconductors TDA1308T Datasheet HTML 10Page - NXP Semiconductors TDA1308T Datasheet HTML 11Page - NXP Semiconductors TDA1308T Datasheet HTML 12Page - NXP Semiconductors TDA1308T Datasheet HTML 13Page - NXP Semiconductors TDA1308T Datasheet HTML 14Page - NXP Semiconductors TDA1308T Datasheet HTML 15Page - NXP Semiconductors TDA1308T Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TDA1308_A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 25 January 2007
12 of 19
NXP Semiconductors
TDA1308; TDA1308A
Class-AB stereo headphone driver
Fig 14. Package outline SOT505-1 (TSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.45
0.25
0.28
0.15
3.1
2.9
3.1
2.9
0.65
5.1
4.7
0.70
0.35
6
°
0
°
0.1
0.1
0.1
0.94
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.7
0.4
SOT505-1
99-04-09
03-02-18
w M
bp
D
Z
e
0.25
14
8
5
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
1.1
pin 1 index


유사한 부품 번호 - TDA1308T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1308T PHILIPS-TDA1308T Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
TDA1308T PHILIPS-TDA1308T Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308TT PHILIPS-TDA1308TT Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
More results

유사한 설명 - TDA1308T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com