전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1308AT 데이터시트(Datasheet) 9 Page - NXP Semiconductors

부품명 TDA1308AT
상세내용  Class-AB stereo headphone driver
PDF  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 9 page
background image
TDA1308_A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 25 January 2007
9 of 19
NXP Semiconductors
TDA1308; TDA1308A
Class-AB stereo headphone driver
12.1 Quality information
The
General Quality Specification for Integrated Circuits, SNW-FQ-611 is applicable.
Fig 9.
Output power as a function of supply voltage
Fig 10. Total harmonic distortion plus noise-to-signal
ratio as a function of input frequency
3
Po
(mW)
4
VDD (V)
5
100
10
20
40
60
mka786
RL = 16 Ω
32
8
−110
−90
−70
−50
mka787
10−1
10−2
10−3
10−4
10−5
fi (Hz)
RL = 5 kΩ; VO(p−p) = 3.5 V
RL = 32 Ω; Po = 50 mW
RL = 16 Ω; Po = 50 mW
(THD+N)/S
(dB)
Fig 11. Total harmonic distortion plus noise-to-signal ratio as a function of output voltage
level
−40
−80
−100
−60
mka788
10−2
10−1
110
RL = 8 Ω
16
32
5 k
fi = 1 kHz
VO(p−p) (V)
(THD+N)/S
(dB)




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl