전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1308TT 데이터시트(Datasheet) 8 Page - NXP Semiconductors

부품명 TDA1308TT
상세내용  Class-AB stereo headphone driver
PDF  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 8 page
background image
TDA1308_A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 25 January 2007
8 of 19
NXP Semiconductors
TDA1308; TDA1308A
Class-AB stereo headphone driver
12. Test information
Fig 6.
Measurement circuit for inverting application
mka782
1
2
3
5
6
7
4
8
RL
VOUTA
VDD
VINA
VINB
Vref
(typ. 2.5 V)
RL
VOUTB
3.9 k
3.9 k
3.9 k
3.9 k
100
µF
100
µF
C6
100
µF
TDA1308(A)
Fig 7.
Open-loop gain as a function of input frequency
Fig 8.
Crosstalk as a function of input frequency
0
40
80
mka784
10−2
10−3
fi (Hz)
Gv
(dB)
10−4
10−5
10−6
10−7
10−8
no load
RL = 32 Ω
−130
−110
−70
−90
mka785
10−2
10−1
10−3
10−4
10−5
fi (Hz)
Gv
(dB)
32
RL = 16 Ω
5 k




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl