전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18271HD 데이터시트(PDF) 16 Page - NXP Semiconductors

부품명 TDA18271HD
상세설명  Silicon Tuner IC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18271HD 데이터시트(HTML) 16 Page - NXP Semiconductors

Back Button TDA18271HD_09 Datasheet HTML 12Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 13Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 14Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 15Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 16Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 17Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 18Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 19Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
TDA18271HD_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 19 May 2009
16 of 70
NXP Semiconductors
TDA18271HD
Silicon Tuner IC
9.3.6 Description of Easy prog byte 2
9.3.7 Description of Easy prog byte 3
The TDA18271HD has three different Standby modes. Two Standby modes are dedicated
to special application demands; the third Standby mode is called ‘device-off’. It represents
the smallest achievable power consumption.
[1]
In all modes, the I2C-bus interface remains active. All other bit settings are invalid.
3
IR_CAL_OK
R/W
complete image rejection calibration procedure
(see Section 9.4.4); can only be reset with POR
1
successful
0*
not successful
2 to 0 BP_FILTER[2:0]
R/W
110*
RF band-pass filter selection (see Table 44)
Table 13.
EP1 - Easy prog byte 1 (subaddress 03h) bit description …continued
Legend: * power-on reset value.
Bit
Symbol
Access Value Description
Table 14.
EP2 - Easy prog byte 2 (subaddress 04h) bit description
Legend: * power-on reset value.
Bit
Symbol
Access
Value
Description
7 to 5 RF_BAND[2:0]
R/W
110*
RF tracking filter band selection (see Table 45)
4 to 0 GAIN_TAPER[4:0]
R/W
gain taper value (see Table 49)
1 1111*
minimum attenuation
0 0000
maximum attenuation
Table 15.
EP3 - Easy prog byte 3 (subaddress 05h) bit description
Legend: * power-on reset value.
Bit
Symbol
Access
Value
Description
7 to 5
SM, SM_LT,
SM_XT
R/W
100
Power modes Table 16
4 to 3
AGCK_MODE[1:0] R/W
10010*
defines the standard
2 to 0
STD[2:0]
R/W
description of standards (see Table 43)
Table 16.
Power modes
Bit
Circuit
Mode[1]
SM
SM_LT
SM_XT
Loop-
through
Slave-
tuner
output
Crystal
oscillator
000on
on
on
Normal mode
100on
on
on
Standby mode with crystal
oscillator, slave-tuner output and
loop-through output on
1
1
0
off
off
on
Standby mode with only crystal
oscillator and its output buffer on
1
1
1
off
off
off
Device-off mode


유사한 부품 번호 - TDA18271HD_09

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18271HD/C2 NXP-TDA18271HD/C2 Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
More results

유사한 설명 - TDA18271HD_09

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
   DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761664 TI-SN761664 Datasheet
454Kb / 22P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662_14 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com