전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18271HD 데이터시트(PDF) 19 Page - NXP Semiconductors

부품명 TDA18271HD
상세설명  Silicon Tuner IC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18271HD 데이터시트(HTML) 19 Page - NXP Semiconductors

Back Button TDA18271HD_09 Datasheet HTML 15Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 16Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 17Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 18Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 19Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 20Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 21Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 22Page - NXP Semiconductors TDA18271HD_09 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
TDA18271HD_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 19 May 2009
19 of 70
NXP Semiconductors
TDA18271HD
Silicon Tuner IC
9.3.12 Description of Main post-divider byte
9.3.13 Description of Main divider bytes 1, 2 and 3
9.3.14 Description of Extended bytes 1 to 23
Table 22.
MPD - Main post-divider byte (subaddress 0Ch) bit description
Legend: * power-on reset value.
Bit
Symbol
Access
Value
Description
7
IF_NOTCH
R/W
0*
adds a DC notch in IF for better
adjacent channels rejection; depends
on standards; see Table 43
6 to 0
MAIN_POST_DIV[6:0]
R/W
000
LO synthesizer post-divider; see
Table 47
Table 23.
MD1, MD2 and MD3 - Main divider bytes 1, 2 and 3 (address 0Dh, 0Eh and 0Fh) bit
description
Legend: * power-on reset value.
Address Register Bit
Symbol
Access Value Description
0Dh
MD1
7
-
R/W
0*
must be set to 0
6 to 0 MAIN_DIV[22:16] R/W
00h*
LO synthesizer main divider bits
0Eh
MD2
7 to 0 MAIN_DIV[15:8]
R/W
00h*
0Fh
MD3
7 to 0 MAIN_DIV[7:0]
R/W
00h*
Table 24.
EB1 to EB23 - Extended bytes 1 to 23 (address 10h to 26h) bit description
Legend: * power-on reset value.
Address
Register
Bit
Symbol
Access
Value
Description
10h
EB1
7 to 3
EB1[7:3]
R
1 1111*
extended byte 1
2
CALVCO_FORLON
R
determines VCO used during Normal
mode operations
1*
LO VCO is used
0
CAL VCO is used
1
AGC1_ALWAYS_
MASTERN
R
enables AGC1 normal operation
whatever the tuner type (master or
slave)
1*
normal operation for the master;
6 dB fixed for the slave
0
normal operation for both the master
and the slave
0
AGC1_FIRSTN
R
determines which AGC will be updated
when detectors 1 and 2 are active
1*
AGC1 and AGC2 both updated
0
AGC1 has priority on AGC2
11h
EB2
7 to 0
EB2[7:0]
R/W
0000 0001*
extended byte 2
12h
EB3
7 to 0
EB3[7:0]
R/W
1000 0100*
extended byte 3


유사한 부품 번호 - TDA18271HD_09

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18271HD/C2 NXP-TDA18271HD/C2 Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
More results

유사한 설명 - TDA18271HD_09

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
   DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761664 TI-SN761664 Datasheet
454Kb / 22P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662_14 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com