전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA18271HD_09 데이터시트(Datasheet) 64 Page - NXP Semiconductors

부품명 TDA18271HD_09
상세내용  Silicon Tuner IC
PDF  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 64 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
Fig 27. Test circuit
001aah560
R107
R108
Y1
470
390
R118
R116
R117
150 k
470
56
C112
6.8 nF
16 MHz
C113
33 pF
C129
5.6 pF
C200
33 pF
C111
1 nF
C110
220 nF
TDA18271HD
GND
64
62
63
60
61
58
59
56
57
54
55
52
53
XOUTN_M
V_IFAGC_M
50 49
48
51
18
17
20
19
22
21
24
23
26
25
28
27
30
29
32
31
TP104
VSYNC_M
GND
GND
GND
GND
GND
GND
GND
47
V_IFAGC
46
IFOUTP
45
IFOUTN
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VCC
GND
CAPREG28
GND
CAPREG18
SDA
SCL
SDA
SCL
GND
GND
VT_CAL
CP_CAL
VCC
FM_IN
FMIN_M
VCC
RF_IN
RFIN_M
GND
CAPRFAGC
LT
GND
C128
47 nF
C102
1 nF_5 %
1 nF_5 %
1 nF_5 %
VCC1
LT_M
VCC2
VCC3
VCC2
VCC2
C103
220 nF
C101
1 nF_5 %
J102
J101
J109
IFOUTP
J108
J106
C105
47 nF
C117
47 nF
C123
47 nF
C120
220 nF
C119
3.9 nF
C118
6.8 nF
C122
100 nF
C121
C125
C115
4.7 nF
XOUTP_M
XOUTP_M
TP103
C114
4.7 nF
C127
100 nF
R114
R115
470
56
R113
120
R112
390
IFOUTN
J107
C124
100 nF
C116
150 pF
100 nF
C126
2.2 nF
ST1
C108
47 nF
C107
100 nF
C109
100 nF
STO
SP_M
VCC
R105
39
R111
R106
C104
J103
SP_M
SP_M
RFIN_S
R104
n.c.
C106
J104
MASTER
SYNC
MASTERSYNC
J105
10 nF
CAPRFAGC
TP101
FREEZE
FREEZE_CMOT
TP102
SDA
SCL
VCC3.3
VCC3.3
J1
R1
2.2
k
R2
2.2
k
1
2
3
4
5
6
SCL
GND
SDA
VCC3.3
R102
R101




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl