전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA19989 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TDA19989
상세설명  150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19989 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TDA19989 Datasheet HTML 5Page - NXP Semiconductors TDA19989 Datasheet HTML 6Page - NXP Semiconductors TDA19989 Datasheet HTML 7Page - NXP Semiconductors TDA19989 Datasheet HTML 8Page - NXP Semiconductors TDA19989 Datasheet HTML 9Page - NXP Semiconductors TDA19989 Datasheet HTML 10Page - NXP Semiconductors TDA19989 Datasheet HTML 11Page - NXP Semiconductors TDA19989 Datasheet HTML 12Page - NXP Semiconductors TDA19989 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
TDA19989_1
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 February 2010
9 of 47
NXP Semiconductors
TDA19989
HDMI 1.3 transmitter with HDCP and CEC support
The device can swap and invert, in the event of a little endian stream, the incoming video
data using I2C-bus registers VIP_CNTRL_0, VIP_CNTRL_1 and VIP_CNTRL_2 (page
00h) to match the expectation of the video processing block. Table 4 shows the behavior
of SWAP_A[2:0] of VIP_CNTRL_0 register, whose function is to map the 4 MSBs
VP[23:20] to the incoming video port.
VP[11]
B[3]
Cb[3]
CbCr[11]
VP[10]
B[2]
Cb[2]
CbCr[10]
VP[9]
B[1]
Cb[1]
CbCr[9]
VP[8]
B[0]
Cb[0]
CbCr[8]
VP[7]
R[7]
Cr[7]
CbCr[7]
VP[6]
R[6]
Cr[6]
CbCr[6]
VP[5]
R[5]
Cr[5]
CbCr[5]
VP[4]
R[4]
Cr[4]
CbCr[4]
VP[3]
R[3]
Cr[3]
CbCr[3]
VP[2]
R[2]
Cr[2]
CbCr[2]
VP[1]
R[1]
Cr[1]
CbCr[1]
VP[0]
R[0]
Cr[0]
CbCr[0]
Table 3.
Internal assignment …continued
Internal assignment
Internal port
RGB
YCbCr 4:4:4
YCbCr 4:2:2
semi-planar
YCbCr 4:2:2
ITU656


유사한 부품 번호 - TDA19989

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
More results

유사한 설명 - TDA19989

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com