전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA19989AET 데이터시트(PDF) 23 Page - NXP Semiconductors

부품명 TDA19989AET
상세설명  150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19989AET 데이터시트(HTML) 23 Page - NXP Semiconductors

Back Button TDA19989AET Datasheet HTML 19Page - NXP Semiconductors TDA19989AET Datasheet HTML 20Page - NXP Semiconductors TDA19989AET Datasheet HTML 21Page - NXP Semiconductors TDA19989AET Datasheet HTML 22Page - NXP Semiconductors TDA19989AET Datasheet HTML 23Page - NXP Semiconductors TDA19989AET Datasheet HTML 24Page - NXP Semiconductors TDA19989AET Datasheet HTML 25Page - NXP Semiconductors TDA19989AET Datasheet HTML 26Page - NXP Semiconductors TDA19989AET Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
TDA19989_1
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 February 2010
23 of 47
NXP Semiconductors
TDA19989
HDMI 1.3 transmitter with HDCP and CEC support
7.10 Interrupt controller
Pin INT is used to alert the system microcontroller that a critical event concerning the
HDMI or CEC has occurred. The software provided with the device read a status register
(I2C-bus) to determine which block between HDMI and CEC has caused the interruption
before processing it. Some of theses interrupts are maskable. The interrupt types are
described in Table 18.
7.10.1 Hot plug/unplug detect
The hot plug detect (HPD) pin is 5 V input tolerant. The HPD signal, when asserted, tells
the transmitter that the receiver is connected. When changing from LOW-to-HIGH,
TDA19989 has to read the EDID of the receiver in order to select the video format that the
receiver can handle.
7.10.2 Receiver sensitivity
TDA19989 has the capability to sense the receiver connectivity and working behavior.
This feature (RxSense) detects the presence of the 50
Ω pull-up resistor R
T on the TMDS
clock channel of the downstream side.
Table 18.
Interruptions
Interrupt domain
Interrupt name
Definition
Maskable feature
HDCP
r0
r0 = R’0 check done
maskable
pj
pj = P’j check fails
sha-1
V = V’ check success
bstatus
bstatus available
bcaps
bcaps available
t0
HDCP goes to initial
state
security
HDCP encryption is off
or blue screen removed
not maskable
HPD
hpd
transition on HPD input
maskable
RxSense
rx_sense
transition on RxSense
maskable
Interrupt
sw_intsoftware
test purpose (output an
interrupt signal)
maskable
EDID
edid_block_rd
EDID block read finished maskable
CEC
cec_int
CEC message received
not maskable


유사한 부품 번호 - TDA19989AET

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
More results

유사한 설명 - TDA19989AET

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com