전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1733T 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TEA1733T
상세설명  GreenChip III SMPS control IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1733T 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TEA1733T_10 Datasheet HTML 6Page - NXP Semiconductors TEA1733T_10 Datasheet HTML 7Page - NXP Semiconductors TEA1733T_10 Datasheet HTML 8Page - NXP Semiconductors TEA1733T_10 Datasheet HTML 9Page - NXP Semiconductors TEA1733T_10 Datasheet HTML 10Page - NXP Semiconductors TEA1733T_10 Datasheet HTML 11Page - NXP Semiconductors TEA1733T_10 Datasheet HTML 12Page - NXP Semiconductors TEA1733T_10 Datasheet HTML 13Page - NXP Semiconductors TEA1733T_10 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TEA1733T_TEA1733LT_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 26 March 2010
10 of 20
NXP Semiconductors
TEA1733T; TEA1733LT
GreenChip III SMPS control IC
7.12 Low power operation
In low power operation switching losses are reduced by lowering the switching frequency.
The converter switching frequency is reduced and the peak current is set to 25 % of the
maximum peak current (see Figure 7 and Figure 10).
7.13 Driver (pin DRIVER)
The driver circuit to the gate of the power MOSFET has a current sourcing capability of
typically
−250 mA and a current sink capability of typically 750 mA. This allows for a fast
turn-on and turn-off of the power MOSFET for efficient operation.
7.14 OverTemperature Protection (OTP)
Integrated overtemperature protection ensures the IC stops switching if the junction
temperature exceeds the thermal temperature shutdown limit.
OTP is a latched protection and it can be reset by removing the voltage on pin VCC.
8.
Limiting values
Fig 10. Frequency control
12
switching
frequency
014aaa934
VCTRL (V)
fsw
(kHz)
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
−0.4
+30
V
t < 100 ms
-
35
V
VVINSENSE
voltage on pin VINSENSE
current limited
−0.4
+5.5
V
VPROTECT
voltage on pin PROTECT
current limited
−0.4
+5
V
VCTRL
voltage on pin CTRL
−0.4
+5
V
VIO(OPTIMER)
input/output voltage on pin
OPTIMER
−0.4
+5
V
VISENSE
voltage on pin ISENSE
current limited
−0.4
+5
V
Currents
II(VINSENSE)
input current on pin VINSENSE
−1+1
mA
II(PROTECT)
input current on pin PROTECT
−1+1
mA


유사한 부품 번호 - TEA1733T_10

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1733T_1307 NXP-TEA1733T_1307 Datasheet
148Kb / 21P
   GreenChip SMPS control IC
Rev. 7-11 July 2013
More results

유사한 설명 - TEA1733T_10

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1750 NXP-TEA1750 Datasheet
163Kb / 29P
   GreenChip III SMPS control IC
Rev. 02-15 December 2008
TEA1751T NXP-TEA1751T Datasheet
264Kb / 29P
   GreenChip III SMPS control IC
Rev. 02-23 December 2009
TEA1752T NXP-TEA1752T Datasheet
818Kb / 34P
   GreenChip III SMPS control IC
Rev. 02-24 June 2010
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com