전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP2G240 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74AUP2G240
상세설명  LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G240 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AUP2G240_10 Datasheet HTML 1Page - Texas Instruments SN74AUP2G240_10 Datasheet HTML 2Page - Texas Instruments SN74AUP2G240_10 Datasheet HTML 3Page - Texas Instruments SN74AUP2G240_10 Datasheet HTML 4Page - Texas Instruments SN74AUP2G240_10 Datasheet HTML 5Page - Texas Instruments SN74AUP2G240_10 Datasheet HTML 6Page - Texas Instruments SN74AUP2G240_10 Datasheet HTML 7Page - Texas Instruments SN74AUP2G240_10 Datasheet HTML 8Page - Texas Instruments SN74AUP2G240_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN74AUP2G240
SCES760B – DECEMBER 2009 – REVISED MARCH 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VCC = 0.8 V
VCC
VCC = 1.1 V to 1.95 V
0.65 × VCC
VIH
High-level input voltage
V
VCC = 2.3 V to 2.7 V
1.6
VCC = 3 V to 3.6 V
2
VCC = 0.8 V
0
VCC = 1.1 V to 1.95 V
0.35 × VCC
VIL
Low-level input voltage
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.9
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–20
mA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
mA
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G240


유사한 부품 번호 - SN74AUP2G240_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP2G240DCUR TI-SN74AUP2G240DCUR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DQER TI-SN74AUP2G240DQER Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240RSER TI-SN74AUP2G240RSER Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240YFPR TI-SN74AUP2G240YFPR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AUP2G240_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G241 TI-SN74AUP2G241 Datasheet
298Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com