전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP112AIDRLT 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP112AIDRLT
상세설명  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP112AIDRLT 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TMP112AIDRLT Datasheet HTML 6Page - Texas Instruments TMP112AIDRLT Datasheet HTML 7Page - Texas Instruments TMP112AIDRLT Datasheet HTML 8Page - Texas Instruments TMP112AIDRLT Datasheet HTML 9Page - Texas Instruments TMP112AIDRLT Datasheet HTML 10Page - Texas Instruments TMP112AIDRLT Datasheet HTML 11Page - Texas Instruments TMP112AIDRLT Datasheet HTML 12Page - Texas Instruments TMP112AIDRLT Datasheet HTML 13Page - Texas Instruments TMP112AIDRLT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
POLARITY (POL)
CONVERTER RESOLUTION (R1/R0)
ONE-SHOT/CONVERSION READY (OS)
HIGH- AND LOW-LIMIT REGISTERS
Measured
Temperature
T
HIGH
T
LOW
TMP112 ALERTPIN
(ComparatorMode)
POL=0
TMP112 ALERTPIN
(InterruptMode)
POL=0
TMP112 ALERTPIN
(ComparatorMode)
POL=1
TMP112 ALERTPIN
(InterruptMode)
POL=1
Read
Read
Time
Read
FAULT QUEUE (F1/F0)
TMP112
SBOS473B – MARCH 2009 – REVISED JUNE 2009 ......................................................................................................................................................... www.ti.com
The Polarity bit allows the user to adjust the polarity
R1/R0 are read-only bits. The TMP112 converter
of the ALERT pin output. If POL = 0, the ALERT pin
resolution is set on start up to '11'. This sets the
becomes active low, as shown in Figure 13. For POL
temperature register to a 12 bit-resolution.
= 1, the ALERT pin becomes active high, and the
state of the ALERT pin is inverted.
The TMP112 features a One-Shot Temperature
Measurement mode. When the device is in Shutdown
mode, writing a '1' to the OS bit starts a single
temperature conversion. During the conversion, the
OS bit reads '0'. The device returns to the shutdown
state at the completion of the single conversion. After
the conversion, the OS bit reads '1'. This feature is
useful
for
reducing
power
consumption
in
the
TMP112 when continuous temperature monitoring is
not required.
As a result of the short conversion time, the TMP112
can achieve a higher conversion rate. A single
conversion typically takes 26ms and a read can take
place in less than 20
µs. When using One-Shot mode,
30 or more conversions per second are possible.
In Comparator mode (TM = 0), the ALERT pin
becomes active when the temperature equals or
exceeds
the
value
in
THIGH and generates a
consecutive number of faults according to fault bits
F1 and F0. The ALERT pin remains active until the
temperature falls below the indicated TLOW value for
Figure 13. Output Transfer Function Diagrams
the same number of faults.
In Interrupt mode (TM = 1), the ALERT pin becomes
active when the temperature equals or exceeds the
value in THIGH for a consecutive number of fault
A
fault
condition
exists
when
the
measured
conditions (as shown in Table 9). The ALERT pin
temperature exceeds the user-defined limits set in the
remains active until a read operation of any register
THIGH and TLOW registers. Additionally, the number of
occurs, or the device successfully responds to the
fault conditions required to generate an alert may be
SMBus Alert Response address. The ALERT pin is
programmed using the fault queue. The fault queue is
also cleared if the device is placed in Shutdown
provided to prevent a false alert as a result of
mode. Once the ALERT pin is cleared, it becomes
environmental
noise.
The
fault
queue
requires
active again only when temperature falls below TLOW,
consecutive fault measurements in order to trigger
and remains active until cleared by a read operation
the alert function. Table 9 defines the number of
of any register or a successful response to the
measured faults that may be programmed to trigger
SMBus Alert Response address. Once the ALERT
an alert condition in the device. For THIGH and TLOW
pin is cleared, the above cycle repeats, with the
register format and byte order, see the High- and
ALERT pin becoming active when the temperature
Low-Limit Registers section.
equals or exceeds THIGH. The ALERT pin can also be
cleared by resetting the device with the General Call
Table 9. TMP112 Fault Settings
Reset command. This action also clears the state of
F1
F0
CONSECUTIVE FAULTS
the internal registers in the device, returning the
device to Comparator mode (TM = 0).
0
0
1
0
1
2
1
0
4
1
1
6
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP112


유사한 부품 번호 - TMP112AIDRLT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP112AIDRLT TI-TMP112AIDRLT Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112AIDRLT TI1-TMP112AIDRLT Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
More results

유사한 설명 - TMP112AIDRLT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com