전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3399 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 2SK3399
상세설명  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3399 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  2SK3399_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3399_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3399
2009-09-29
4
RDS (ON) – Tc
IDR – VDS
Vth – Tc
PD – Tc
160
0
1
3
2
6
5
4
−80
−40
0
40
80
120
Common source
VDS = 10 V
ID = 1 mA
Pulse test
0
40
80
160
120
200
0
40
80
120
160
Case temperature Tc
(°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc
(°C)
Case temperature Tc
(°C)
Total gate charge Qg (nC)
Dynamic input/output characteristics
2.5
1.5
0
−80
−40
0
40
80
160
120
0.5
1.0
2.5
2.0
Common source
VGS = 10 V
Pulse test
ID = 10 A
5.0
0
0.1
−0.4
1
10
100
−0.6
−0.8
−1.2
5
−0.2
−1
10
1
3
VGS = 0, −1 V
Common source
Tc
= 25°C
Pulse test
500
400
0
100
200
300
0
10
20
30
50
40
Common source
ID = 10 A
Tc
= 25°C
Pulse test
VDS
100
VGS
VDD = 400 V
0
5
10
15
25
20
200
3
0.1
10
100
1000
5000
1
10
100
500
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
Ciss
Coss
Crss
30
3
0.3
30
300


유사한 부품 번호 - 2SK3399_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3399 TOSHIBA-2SK3399_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
More results

유사한 설명 - 2SK3399_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com