전자부품 데이터시트 검색엔진 |
|
TPC8109 데이터시트(PDF) 3 Page - Toshiba Semiconductor |
|
TPC8109 데이터시트(HTML) 3 Page - Toshiba Semiconductor |
3 / 7 page TPC8109 2006-11-16 3 Electrical Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Gate leakage current IGSS VGS = ±16 V, VDS = 0 V ⎯ ⎯ ±10 µA Drain cut-OFF current IDSS VDS = −30 V, VGS = 0 V ⎯ ⎯ −10 µA V (BR) DSS ID = −10 mA, VGS = 0 V −30 ⎯ ⎯ Drain-source breakdown voltage V (BR) DSX ID = −10 mA, VGS = 20 V −15 ⎯ ⎯ V Gate threshold voltage Vth VDS = −10 V, ID = −1 mA −0.8 ⎯ −2.0 V VGS = −4 V, ID = −5 A ⎯ 24 30 Drain-source ON resistance RDS (ON) VGS = −10 V, ID = −5 A ⎯ 14 20 m Ω Forward transfer admittance |Yfs| VDS = −10 V, ID = −5 A 9 19 ⎯ S Input capacitance Ciss ⎯ 2260 ⎯ Reverse transfer capacitance Crss ⎯ 290 ⎯ Output capacitance Coss VDS = −10 V, VGS = 0 V, f = 1 MHz ⎯ 350 ⎯ pF Rise time tr ⎯ 5 ⎯ Turn-ON time ton ⎯ 13 ⎯ Fall time tf ⎯ 34 ⎯ Switching time Turn-OFF time toff Duty <= 1%, tw = 10 µs ⎯ 143 ⎯ ns Total gate charge (gate-source plus gate-drain) Qg ⎯ 45 ⎯ Gate-source charge 1 Qgs1 ⎯ 6.5 ⎯ Gate-drain (“miller”) charge Qgd VDD ∼− −24 V, VGS = −10 V, ID = −10 A ⎯ 10 ⎯ nC Source-Drain Ratings and Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Drain reverse current Pulse (Note 1) IDRP ⎯ ⎯ ⎯ −40 A Forward voltage (diode) VDSF IDR = −11 A, VGS = 0 V ⎯ ⎯ 1.2 V VDD ∼− −15 V −10 V VGS 0 V ID = −5 A VOUT |
유사한 부품 번호 - TPC8109_06 |
|
유사한 설명 - TPC8109_06 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |