전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCA8020-H 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TPCA8020-H
상세설명  Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8020-H 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TPCA8020-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8020-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8020-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8020-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8020-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8020-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8020-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCA8020-H
2006-11-17
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cutoff current
IDSS
VDS = 40 V, VGS = 0 V
10
µA
V (BR) DSS
ID = 10 mA, VGS = 0 V
40
Drain−source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
25
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.1
2.3
V
RDS (ON)
VGS = 4.5 V, ID = 3.8 A
27
35
Drain−source ON-resistance
RDS (ON)
VGS = 10 V, ID = 3.8 A
22
27
m
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 3.8 A
7.5
15
S
Input capacitance
Ciss
650
Reverse transfer capacitance
Crss
55
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
240
pF
Rise time
tr
3
Turn−on time
ton
9
Fall time
tf
2
Switching time
Turn−off time
toff
Duty <= 1%, tw = 10 µs
18
ns
VDD ∼− 32 V、VGS = 10 V、ID = 7.5 A
11
Total gate charge
(gate−source plus gate−drain)
Qg
VDD ∼− 32 V、VGS = 5 V、ID = 7.5 A
6.2
Gate−source charge
Qgs1
2.1
Gate−drain (“Miller”) charge
Qgd
2.7
Gate switching charge
Qsw
VDD ∼− 32 V、VGS = 10 V、ID = 7.5 A
3.5
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse (Note 1)
IDRP
30
A
Forward voltage (diode)
VDSF
IDR = 7.5 A, VGS = 0 V
−1.2
V
VDD ∼− 20 V
0 V
VGS
10 V
ID = 3.8 A
VOUT


유사한 부품 번호 - TPCA8020-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8020-H VBSEMI-TPCA8020-H Datasheet
1Mb / 7P
   N-Channel 40 V (D-S) MOSFET
More results

유사한 설명 - TPCA8020-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
303Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H Datasheet
192Kb / 4P
   Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com