전자부품 데이터시트 검색엔진 |
|
TPC8013-H 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TPC8013-H 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 7 page TPC8013-H 2006-11-16 2 Thermal Characteristics Characteristic Symbol Max Unit Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Rth (ch-a) 65.8 °C/W Thermal resistance, channel to ambient (t = 10 s) (Note 2b) Rth (ch-a) 125 °C/W Marking (Note 5) Note 1: The channel temperature should not exceed 150°C during use. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b) Note 3: VDD = 24 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = 15 A Note 4: Repetitive rating: pulse width limited by maximum channel temperature Note 5: • on the lower left of the marking indicates Pin 1. (a) FR-4 25.4 × 25.4 × 0.8 (unit: mm) (b) FR-4 25.4 × 25.4 × 0.8 (unit: mm) * Weekly code: (Three digits) Week of manufacture (01 for first week of year, continuing up to 52 or 53) Year of manufacture (The last digit of the calendar year) TPC8013 H Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish. Part No. (or abbreviation code) |
유사한 부품 번호 - TPC8013-H |
|
유사한 설명 - TPC8013-H |