전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC8112 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TPC8112
상세설명  Lithium Ion Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8112 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TPC8112_06 Datasheet HTML 1Page - Toshiba Semiconductor TPC8112_06 Datasheet HTML 2Page - Toshiba Semiconductor TPC8112_06 Datasheet HTML 3Page - Toshiba Semiconductor TPC8112_06 Datasheet HTML 4Page - Toshiba Semiconductor TPC8112_06 Datasheet HTML 5Page - Toshiba Semiconductor TPC8112_06 Datasheet HTML 6Page - Toshiba Semiconductor TPC8112_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8112
2006-11-15
5
RDS (ON) – Ta
IDR – VDS
Capacitance – VDS
Vth – Ta
PD – Ta
Dynamic input/output characteristics
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
30
−0.1
−0.3
−1
−3
−10
−30
−100
100
300
1000
3000
10000
Crss
Coss
Ciss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
−1.2
0
−80
−40
0
40
120
160
80
−0.4
−0.8
−1.6
−2.0
Common source
VDS = −10 V
ID = −1 mA
Pulse test
80
120
160
200
0
0.8
1.2
1.6
2.0
0.4
0
40
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
t
= 10 s
(1)
(2)
0
−10
−20
−30
0
40
80
120
160
Common source
ID = −13 A
Ta
= 25°C
Pulse test
VDD = −24 V
VDS
VGS
−30
−20
0
−10
200
VDD = −24 V
−12
−12
−6
−6
0
−80
−40
0
40
120
160
80
10
20
30
ID = −13 A, −6.5 A, −3 A
ID = −13 A, −6.5 A, −3 A
VGS = −4 V
−10 V
Common source
Pulse test
0
−0.1
−1
−10
−100
0.2
0.4
0.6
0.8
1.0
1.2
VGS = 0 V
−1
−10
−5
−3
Common source
Ta
= 25°C
Pulse test


유사한 부품 번호 - TPC8112_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8112 TOSHIBA-TPC8112 Datasheet
258Kb / 4P
   Field Effect Transistor Silicon P Channel MOS Type(U-MOS III)
More results

유사한 설명 - TPC8112_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com