전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB5464U 데이터시트(PDF) 3 Page - Cirrus Logic

부품명 CDB5464U
상세설명  CDB5464U Engineering Borad and GUI Software
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5464U 데이터시트(HTML) 3 Page - Cirrus Logic

  CDB5464U Datasheet HTML 1Page - Cirrus Logic CDB5464U Datasheet HTML 2Page - Cirrus Logic CDB5464U Datasheet HTML 3Page - Cirrus Logic CDB5464U Datasheet HTML 4Page - Cirrus Logic CDB5464U Datasheet HTML 5Page - Cirrus Logic CDB5464U Datasheet HTML 6Page - Cirrus Logic CDB5464U Datasheet HTML 7Page - Cirrus Logic CDB5464U Datasheet HTML 8Page - Cirrus Logic CDB5464U Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
CDB5464U
DS847DB1
3
1. HARDWARE
1.1
Introduction
The CDB5464U evaluation board provides a convenient means of evaluating the CS5464 power mea-
surement IC. The CDB5464U evaluation board operates from a single +5V power supply. The evaluation
board interfaces the CS5464 to a PC via a USB cable. To accomplish this, the board comes equipped
with a C8051F320 microcontroller and a USB interface. Additionally, the CDB5464U GUI software pro-
vides easy access to the internal registers of the CS5464. The software also provides a means to display
the performance in the time domain or frequency domain.
1.2
Evaluation Board Overview
The board is partitioned into two main sections: analog and digital. The analog section consists of the
CS5464 and a precision voltage reference. The digital section consists of the C8051F320 microcontroller,
EEPROM, the hardware test switches, the reset circuitry, and the USB interface. The board also has a
user friendly power supply connection.
Figure 1. CDB5464U Assembly Drawing
4.096 MHz
CDB5464U


유사한 부품 번호 - CDB5464U

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5460AU CIRRUS-CDB5460AU Datasheet
1Mb / 38P
   Voltage and Current Interface
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5461AU CIRRUS-CDB5461AU Datasheet
1Mb / 36P
   Voltage and Current Interface
CDB5463U CIRRUS-CDB5463U Datasheet
1Mb / 38P
   Engineering Board and GUI Software
More results

유사한 설명 - CDB5464U

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB5480U CIRRUS-CDB5480U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
CDB5484U CIRRUS-CDB5484U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
CDB5463U CIRRUS-CDB5463U Datasheet
1Mb / 38P
   Engineering Board and GUI Software
CDB5467U CIRRUS-CDB5467U Datasheet
1Mb / 38P
   CDB5467U Engineering Board and GUI Software
CDB5490U CIRRUS-CDB5490U Datasheet
4Mb / 46P
   CDB5490U Engineering Board and GUI Software
logo
Zilog, Inc.
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
Cymbet Corporation
AN-1040 CYMBET-AN-1040 Datasheet
229Kb / 3P
   EVAL Kit GUI Software and TI Firmware Readme
logo
Silicon Laboratories
AN204 SILABS-AN204 Datasheet
945Kb / 12P
   PROSLIC짰 WINDOWS짰 GUI SOFTWARE USERs GUIDE
logo
List of Unclassifed Man...
TGUI9440 ETC1-TGUI9440 Datasheet
601Kb / 4P
   GUI Accelerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com